Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN54BCT640 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # SN54BCT640
Description  OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN54BCT640 Datasheet(HTML) 2 Page - Texas Instruments

  SN54BCT640 Datasheet HTML 1Page - Texas Instruments SN54BCT640 Datasheet HTML 2Page - Texas Instruments SN54BCT640 Datasheet HTML 3Page - Texas Instruments SN54BCT640 Datasheet HTML 4Page - Texas Instruments SN54BCT640 Datasheet HTML 5Page - Texas Instruments SN54BCT640 Datasheet HTML 6Page - Texas Instruments SN54BCT640 Datasheet HTML 7Page - Texas Instruments SN54BCT640 Datasheet HTML 8Page - Texas Instruments SN54BCT640 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
SN54BCT640, SN74BCT640
OCTAL BUS TRANSCEIVERS
WITH 3-STATE OUTPUTS
SCBS025C – SEPTEMBER 1988 – REVISED APRIL 1994
2–2
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
logic symbol†
logic diagram (positive logic)
1
2
A1
B1
3 EN1 [BA]
1
DIR
3 EN2 [AB]
2
A1
3
A2
B1
18
4
A3
5
A4
6
A5
7
A6
8
A7
9
A8
B2
17
B3
16
B5
14
B4
15
B6
13
B8
11
B7
12
OE
1
19
1
18
2
G3
19
OE
DIR
1
To Seven Other Channels
† This symbol is in accordance with ANSI/IEEE Std 91-1984
and IEC Publication 617-12.
absolute maximum ratings over operating free-air temperature range (unless otherwise noted)‡
Supply voltage range, VCC
– 0.5 V to 7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input voltage range: Control inputs (see Note 1)
– 0.5 V to 7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
I/O ports (see Note 1)
– 0.5 V to 5.5 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Voltage range applied to any output in the disabled or power-off state, VO
– 0.5 V to 5.5 V
. . . . . . . . . . . . . . .
Voltage range applied to any output in the high state, VO
– 0.5 V to VCC
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input clamp current, IIK
–30 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Current into any output in the low state: SN54BCT640
96 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
SN74BCT640
128 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating free-air temperature range:
SN54BCT640
– 55
°C to 125°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
SN74BCT640
0
°C to 70°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range
– 65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
‡ Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
NOTE 1: The input and output voltage ratings may be exceeded if the input and output current ratings are observed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com