Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STP08CP05XTTR Datasheet(PDF) 1 Page - STMicroelectronics

Part # STP08CP05XTTR
Description  Low voltage, low current power 8-bit shift register
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP08CP05XTTR Datasheet(HTML) 1 Page - STMicroelectronics

  STP08CP05XTTR Datasheet HTML 1Page - STMicroelectronics STP08CP05XTTR Datasheet HTML 2Page - STMicroelectronics STP08CP05XTTR Datasheet HTML 3Page - STMicroelectronics STP08CP05XTTR Datasheet HTML 4Page - STMicroelectronics STP08CP05XTTR Datasheet HTML 5Page - STMicroelectronics STP08CP05XTTR Datasheet HTML 6Page - STMicroelectronics STP08CP05XTTR Datasheet HTML 7Page - STMicroelectronics STP08CP05XTTR Datasheet HTML 8Page - STMicroelectronics STP08CP05XTTR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
Preliminary Data
This is preliminary information on a new product now in development or undergoing evaluation.
Details are subject to change without notice.
June 2007
Rev 2
1/25
25
STP08CP05
Low voltage, low current power 8-bit shift register
Features
■ Low voltage power supply down to 3V
■ 8 constant current output channels
■ Adjustable output current through external
resistor
■ Serial Data IN/Parallel data OUT
■ 3.3V micro driver-able
■ Output current: 5-100mA
■ 30MHz clock frequency
■ Available in high thermal efficiency TSSOP
exposed pad
■ ESD protection 2.5kV HBM, 200V MM
Description
The STP08CP05 is a monolithic, low voltage, low
current, power 8-bit shift register designed for
LED panel displays. The STP08CP05 contains a
8-bit serial-in, parallel-out shift register that feeds
a
8-bit D-type storage register. In the output stage,
eight regulated current sources were designed to
provide 5-100mA constant current to drive the
LEDs, the output current setup time is 10ns (typ),
thus improving the system performance.
The STP08CP05 is backward compatible in
functionality and footprint with STP8C/L596.
Through an external resistor, users can adjust the
STP08CP05 output current, controlling in this way
the light intensity of LEDs, in addition, user can
adjust LED’s brightness intensity from 0% to
100% via OE pin.
The STP08CP05 guarantees a 20V output driving
capability, allowing users to connect more LEDs in
series. The high clock frequency, 30 MHz, also
satisfies the system requirement of high volume
data transmission. The 3.3V of voltage supply is
useful for applications that interface with any
micro from 3.3V. Compared with a standard
TSSOP package, the TSSOP exposed pad
increases heat dissipation capability by a 2.5
factor.
Dip-16
TSSOP16
(Exposed pad)
TSSOP16
SO-16
www.st.com
Table 1. Device summary
Order codes
Package
Packaging
STP08CP05B1R
DIP-16
25 parts per tube
STP08CP05MTR
SO-16 (Tape & Reel)
2500 parts per reel
STP08CP05TTR
TSSOP16 (Tape & Reel)
2500 parts per reel
STP08CP05XTTR
TSSOP16 Exposed-Pad (Tape & Reel)
2500 parts per reel


Similar Part No. - STP08CP05XTTR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STP08CP05XTTR STMICROELECTRONICS-STP08CP05XTTR Datasheet
447Kb / 27P
Low voltage, low current power 8-bit shift register
14-Feb-2008
More results

Similar Description - STP08CP05XTTR

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
100341 NSC-100341 Datasheet
150Kb / 10P
Low Power 8-Bit Shift Register
logo
ON Semiconductor
MC10E141 ONSEMI-MC10E141 Datasheet
111Kb / 4P
8-BIT SHIFT REGISTER
1996 REV 3
logo
Fairchild Semiconductor
100341 FAIRCHILD-100341 Datasheet
94Kb / 9P
Low Power 8-Bit Shift Register
logo
Hitachi Semiconductor
HD74AC166 HITACHI-HD74AC166 Datasheet
65Kb / 11P
8-bit Shift Register
logo
Toshiba Semiconductor
TC74ACT164F TOSHIBA-TC74ACT164F Datasheet
281Kb / 7P
8 BIT SHIFT REGISTER
logo
Micrel Semiconductor
SY10E141 MICREL-SY10E141_06 Datasheet
63Kb / 4P
8-BIT SHIFT REGISTER
logo
STMicroelectronics
STP08CP05 STMICROELECTRONICS-STP08CP05_08 Datasheet
447Kb / 27P
Low voltage, low current power 8-bit shift register
14-Feb-2008
logo
Renesas Technology Corp
HD74HC95 RENESAS-HD74HC95 Datasheet
90Kb / 7P
8-bit Shift Register
logo
Micrel Semiconductor
SY100S341 MICREL-SY100S341_07 Datasheet
89Kb / 6P
8-BIT SHIFT REGISTER
logo
Diodes Incorporated
74AHCT595 DIODES-74AHCT595 Datasheet
255Kb / 10P
8-BIT SHIFT REGISTER 8-BIT OUTPUT REGISTER
Rev 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com