Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAS16T-HF Datasheet(PDF) 2 Page - Comchip Technology

Part # BAS16T-HF
Description  SMD Switching Diodes
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

BAS16T-HF Datasheet(HTML) 2 Page - Comchip Technology

  BAS16T-HF Datasheet HTML 1Page - Comchip Technology BAS16T-HF Datasheet HTML 2Page - Comchip Technology BAS16T-HF Datasheet HTML 3Page - Comchip Technology BAS16T-HF Datasheet HTML 4Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Typical Rating and Characteristic Curves (BAS16T-HF)
SMD Switching Diodes
Comchip Technology CO., LTD.
Page 2
REV:A
Electrical Characteristics (at TA=25°C unless otherwise noted)
Symbol
Parameter
Conditions
Min.
Max.
Unit
Reverse breakdown voltage
IR = 100μA
Typical total capacitance
VR = 0V, f = 1MHz
Reverse recovery time
4
nS
V(BR)
CT
trr
V
85
1.5
pF
IF = IR = 10mA, Irr = 0.1 x IR, RL = 100Ω
Typ.
2
Leakage current
VR = 25V
μA
IR
100
VR = 75V
VR = 25V, TJ = 150°C
VR = 75V, TJ = 150°C
60
30
nA
Forward voltage
V
IF = 1mA
0.715
IF = 50mA
VF
0.855
IF = 10mA
IF = 150mA
1.00
1.25
Transition frequency
CT
VCE = 5V, IC = 10mA, f = 100KHz
fT
100
MHz
Fig.1 - Current Derating Curve
Soldering Point Temperature, TS (°C)
0
50
100
200
250
300
50
100
200
0
0.4
0.1
10
100
1000
0.6
1.2
0.8
1.0
150
150
TA=150°C
TA=25°C
TA=-25°C
TA=75°C
TA=125°C
Single diode loaded
Double diode loaded
Instantaneous Forward Voltage, VF (V)
Fig.2 - Typical Forward Characteristics
QW-J0057



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com