Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDBHA15200-HF Datasheet(PDF) 2 Page - Comchip Technology

Part # CDBHA15200-HF
Description  SMD Schottky Barrier Rectifiers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

CDBHA15200-HF Datasheet(HTML) 2 Page - Comchip Technology

  CDBHA15200-HF Datasheet HTML 1Page - Comchip Technology CDBHA15200-HF Datasheet HTML 2Page - Comchip Technology CDBHA15200-HF Datasheet HTML 3Page - Comchip Technology CDBHA15200-HF Datasheet HTML 4Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SMD Schottky Barrier Rectifiers
Typical Rating and Characteristics Curves (CDBHA15200-HF)
Number of Cycles at 60Hz
1
0
250
0
18
12
100
0
100
6
25
50
75
150
125
Fig.2 - Surge Current Derating Curve
Fig.1 - Forward Current Derating Curve
Lead Temperature, (°C)
10
15
9
3
100
50
200
150
Forward Voltage, VF (V)
0.1
100
0.2
10
Reverse Voltage, VR (%)
100
80
60
10
10
100
1000
40
1
Fig.4 - Typical Reverse Characteristics
Fig.3 - Typical Forward Voltage Characteristics
0.3
0.4
0.5
0.6
0.8
10000
90
70
50
30
0.7
20
0.9
Comchip Technology CO., LTD.
Page 2
QW-JB124
1
TJ=25°C
TJ=75°C
TJ=125°C
TJ=100°C
0.1
TJ=125°C
TJ=100°C
TJ=75°C
TJ=25°C
REV:B



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com