Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC4253 Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # 2SC4253
Description  Silicon NPN Epitaxial Planar Type TV Final Picture IF Amplifier Applications
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SC4253 Datasheet(HTML) 1 Page - Toshiba Semiconductor

  2SC4253 Datasheet HTML 1Page - Toshiba Semiconductor 2SC4253 Datasheet HTML 2Page - Toshiba Semiconductor 2SC4253 Datasheet HTML 3Page - Toshiba Semiconductor 2SC4253 Datasheet HTML 4Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
2SC4253
2007-11-01
1
TOSHIBA Transistor Silicon NPN Epitaxial Planar Type
2SC4253
TV Final Picture IF Amplifier Applications
• Good linearity of fT
Absolute Maximum Ratings (Ta = 25°C)
Characteristics
Symbol
Rating
Unit
Collector-base voltage
VCBO
30
V
Collector-emitter voltage
VCEO
25
V
Emitter-base voltage
VEBO
4
V
Collector current
IC
50
mA
Base current
IB
25
mA
Collector power dissipation
PC
100
mW
Junction temperature
Tj
125
°C
Storage temperature range
Tstg
−55~125
°C
Note: Using continuously under heavy loads (e.g. the application of high
temperature/current/voltage and the significant change in
temperature, etc.) may cause this product to decrease in the
reliability significantly even if the operating conditions (i.e.
operating temperature/current/voltage, etc.) are within the
absolute maximum ratings.
Please design the appropriate reliability upon reviewing the
Toshiba Semiconductor Reliability Handbook (“Handling
Precautions”/“Derating Concept and Methods”) and individual
reliability data (i.e. reliability test report and estimated failure rate, etc).
Electrical Characteristics (Ta = 25°C)
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
Collector cut-off current
ICBO
VCB = 30 V, IE = 0
⎯
⎯
0.1
μA
Emitter cut-off current
IEBO
VEB = 3 V, IC = 0
⎯
⎯
0.1
μA
Collector-emitter breakdown voltage
V (BR) CEO
IC = 1 mA, IB = 0
25
⎯
⎯
V
DC current gain
hFE
VCE = 10 V, IC = 10 mA
20
70
200
Collector-emitter
VCE (sat)
⎯
⎯
0.2
Saturation voltage
Base-emitter
VBE (sat)
IC = 15 mA, IB = 1.5 mA
⎯
⎯
1.5
V
Collector output capacitance
Cob
VCB = 10 V, IE = 0, f = 1 MHz
⎯
1.1
1.6
pF
Collector-base time constant
Cc・rbb’
VCB = 10 V, IC = 1 mA, f = 30 MHz
⎯
⎯
25
ps
Transition frequency
fT
VCE = 10 V, IC = 10 mA
250
600
⎯
MHz
Marking
Unit: mm
JEDEC
―
JEITA
SC-70
TOSHIBA
2-2E1A
Weight: 0.006 g (typ.)


Similar Part No. - 2SC4253

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SC4253 TOSHIBA-2SC4253 Datasheet
184Kb / 3P
NPN EPITAXIAL PLANER TYPE (TV FINAL PICTURE IF AMPLIFIER APPLICATIONS)
logo
Guangdong Kexin Industr...
2SC4253 KEXIN-2SC4253 Datasheet
44Kb / 1P
Silicon NPN Epitaxial
More results

Similar Description - 2SC4253

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SC2216 TOSHIBA-2SC2216 Datasheet
176Kb / 3P
TRANSISTOR (TV FINAL PICTURE IF AMPLIFIER APPLICATIONS)
2SC3125 TOSHIBA-2SC3125 Datasheet
174Kb / 3P
NPN EPITAXIAL PLANAR TYPE (TV FINAL PICTURE RF AMPLIFIER APPLICATIONS)
2SC383TM TOSHIBA-2SC383TM Datasheet
259Kb / 4P
NPN EPITAXIAL PLANAR TYPE (TV FINAL PICTURE IF AMPLIFIER APPLICATIONS)
2SC4253 TOSHIBA-2SC4253 Datasheet
184Kb / 3P
NPN EPITAXIAL PLANER TYPE (TV FINAL PICTURE IF AMPLIFIER APPLICATIONS)
logo
Samsung semiconductor
KSC1187 SAMSUNG-KSC1187 Datasheet
70Kb / 2P
NPN (TV 1ST,2ND PICTURE IF AMPLIFIER)
KSC3125 SAMSUNG-KSC3125 Datasheet
72Kb / 2P
NPN (TV FINAL PICTURE AMPLIFIER APPLICATION)
KSC388 SAMSUNG-KSC388 Datasheet
74Kb / 2P
NPN (TV FINAL PICTURE IF AMPLIFIER APPLICATIONS)
logo
Fairchild Semiconductor
KSC388 FAIRCHILD-KSC388 Datasheet
39Kb / 4P
TV Final Picture IF Amplifier Applications
logo
List of Unclassifed Man...
2SC388 ETC-2SC388 Datasheet
82Kb / 2P
TV FINAL PICTURE IF AMPLIFIER APPLICATIONS
logo
Toshiba Semiconductor
2SC3125 TOSHIBA-2SC3125_07 Datasheet
552Kb / 4P
Silicon NPN Epitaxial Planar Type TV Final Picture IF Amplifier Applications
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com