Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC4544 Datasheet(PDF) 4 Page - Toshiba Semiconductor

Part # 2SC4544
Description  Silicon NPN Triple Diffuse Type (PCT Process)
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SC4544 Datasheet(HTML) 4 Page - Toshiba Semiconductor

  2SC4544 Datasheet HTML 1Page - Toshiba Semiconductor 2SC4544 Datasheet HTML 2Page - Toshiba Semiconductor 2SC4544 Datasheet HTML 3Page - Toshiba Semiconductor 2SC4544 Datasheet HTML 4Page - Toshiba Semiconductor 2SC4544 Datasheet HTML 5Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
2SC4544
2006-11-10
4
Base-emitter voltage VBE (V)
IC – VBE
Collector current IC (mA)
fT – IC
Collector-base voltage VCB (V)
Cob – VCB
Collector-emitter voltage VCE (V)
Safe Operating Area
Ambient temperature Ta (°C)
PC – Ta
10
0
0
5
50
100
150
(1) Tc = Ta
Infinite heat sink
(2) No heat sink
(1)
(2)
50
1
1
3
5
10
30
3
10
30
100
300
IE = 0
f = 1 MHz
Tc = 25°C
500
10
0.3
Common emitter
Tc = 25°C
1
3
10
30
100
30
50
100
300
10
VCE = 20 V
5
100
0
0.2
0.4
0.6
0.8
1.0
1.2
20
40
60
80
Common emitter
VCE = 10 V
−25
Tc = 100°C
25
300
2
3
5
10
30
50
100
10
30
100
300
*: Single nonrepetitive pulse
Tc = 25°C
Curves must be derated linearly
with increase in temperature.
IC max (pulsed)*
IC max (continuous)
DC operation
Tc = 25°C
100 ms*
10 ms*
1 ms*
300 μs*
500 ms*
VCEO max



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com