Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5075 Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # 2SC5075
Description  Silicon NPN Triple Diffused Type Switching Regulator and High-Voltage Switching Applications
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SC5075 Datasheet(HTML) 3 Page - Toshiba Semiconductor

  2SC5075 Datasheet HTML 1Page - Toshiba Semiconductor 2SC5075 Datasheet HTML 2Page - Toshiba Semiconductor 2SC5075 Datasheet HTML 3Page - Toshiba Semiconductor 2SC5075 Datasheet HTML 4Page - Toshiba Semiconductor 2SC5075 Datasheet HTML 5Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
2SC5075
2006-11-10
3
Collector-emitter voltage VCE (V)
IC – VCE
Collector current IC (A)
hFE – IC
Collector current IC (A)
VCE (sat) – IC
Base-emitter voltage VBE (V)
IC – VBE
Collector current IC (A)
VBE (sat) – IC
Ambient temperature Ta (°C)
PC – Ta
0
0
25
50
75
100
125
175
0.4
0.8
1.2
1.4
1.6
1.0
0.6
0.2
150
0
2.0
0.2
0.4
1.2
1.6
0.6
1.0
1.2
1.4
Common emitter
VCE = 5 V
25
Ta = 100°C
−55
0
0.8
0.8
0.4
200
Ta = 100°C
25
5
10
50
Common emitter
VCE = 5 V
−55
30
3
0.01
0.03
0.1
0.3
10
1
3
100
Common emitter
Ta = 25°C
0
0
IB = 10 mA
0.4
0.8
1.2
1.6
2.0
2
4
6
8
16
180
80
10
12
14
120
60
40
20
0
0.5
3
Common emitter
IC/IB = 5
Ta = −55°C
25
100
0.3
0.05
0.1
1
0.01
0.03
0.1
0.3
10
1
3
0.03
0.005
Ta = −55°C
25
0.5
1
5
Common emitter
IC/IB = 5
100
3
0.3
0.01
0.03
0.1
0.3
10
1
3
0.005
0.1
0.01
0.05
0.03
10



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com