Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5090 Datasheet(PDF) 4 Page - Toshiba Semiconductor

Part # 2SC5090
Description  Silicon NPN Epitaxial Planar Type
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SC5090 Datasheet(HTML) 4 Page - Toshiba Semiconductor

  2SC5090 Datasheet HTML 1Page - Toshiba Semiconductor 2SC5090 Datasheet HTML 2Page - Toshiba Semiconductor 2SC5090 Datasheet HTML 3Page - Toshiba Semiconductor 2SC5090 Datasheet HTML 4Page - Toshiba Semiconductor 2SC5090 Datasheet HTML 5Page - Toshiba Semiconductor 2SC5090 Datasheet HTML 6Page - Toshiba Semiconductor 2SC5090 Datasheet HTML 7Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
2SC5090
2007-11-01
4
S-Parameter ZO = 50 Ω, Ta = 25°C
VCE = 8 V, IC = 5 mA
Frequency
S11
S21
S12
S22
(MHz)
Mag.
Ang.
Mag.
Ang.
Mag.
Ang.
Mag.
Ang.
200
0.683
−50.1
10.186
138.3
0.049
62.0
0.773
−30.0
400
0.462
−86.9
7.472
114.6
0.071
54.3
0.556
−39.6
600
0.343
−113.1
5.618
100.9
0.086
53.8
0.448
−41.7
800
0.282
−133.6
4.407
91.7
0.101
55.3
0.392
−41.6
1000
0.249
−151.0
3.663
84.7
0.115
57.2
0.360
−41.7
1200
0.236
−166.6
3.128
78.7
0.131
58.9
0.339
−41.7
1400
0.233
179.7
2.759
73.1
0.150
60.1
0.330
−42.8
1600
0.234
168.3
2.457
68.2
0.168
60.0
0.319
−45.0
1800
0.238
158.6
2.224
63.4
0.185
60.0
0.311
−47.9
2000
0.251
149.6
2.038
59.4
0.203
60.4
0.302
−50.2
VCE = 8 V, IC = 20 mA
Frequency
S11
S21
S12
S22
(MHz)
Mag.
Ang.
Mag.
Ang.
Mag.
Ang.
Mag.
Ang.
200
0.319
−91.9
18.338
116.7
0.033
65.3
0.494
−43.5
400
0.213
−134.2
10.303
99.2
0.054
68.9
0.312
−42.4
600
0.185
−160.0
7.111
90.3
0.076
70.8
0.258
−37.6
800
0.176
−178.2
5.415
84.3
0.098
71.2
0.236
−34.3
1000
0.174
167.8
4.400
79.2
0.120
71.1
0.228
−32.0
1200
0.178
156.8
3.712
74.8
0.143
70.3
0.226
−31.5
1400
0.186
147.5
3.236
70.3
0.168
68.7
0.226
−32.8
1600
0.194
139.7
2.874
66.3
0.190
66.6
0.223
−35.9
1800
0.199
133.7
2.583
62.6
0.211
64.9
0.216
−39.0
2000
0.215
127.8
2.369
58.8
0.232
63.5
0.211
−41.9



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com