Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5092 Datasheet(PDF) 4 Page - Toshiba Semiconductor

Part # 2SC5092
Description  Silicon NPN Epitaxial Planar Type VHF~UHF Band Low Noise Amplifier Applications
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SC5092 Datasheet(HTML) 4 Page - Toshiba Semiconductor

  2SC5092 Datasheet HTML 1Page - Toshiba Semiconductor 2SC5092 Datasheet HTML 2Page - Toshiba Semiconductor 2SC5092 Datasheet HTML 3Page - Toshiba Semiconductor 2SC5092 Datasheet HTML 4Page - Toshiba Semiconductor 2SC5092 Datasheet HTML 5Page - Toshiba Semiconductor 2SC5092 Datasheet HTML 6Page - Toshiba Semiconductor 2SC5092 Datasheet HTML 7Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
2SC5092
2007-11-01
4
S-Parameter ZO = 50 Ω, Ta = 25°C
VCE = 8 V, IC = 5 mA
Frequency
S11
S21
S12
S22
(MHz)
Mag.
Ang.
Mag.
Ang.
Mag.
Ang.
Mag.
Ang.
200
0.767
−58.9
12.888
143.5
0.049
62.8
0.856
−34.5
400
0.655
−102.2
9.480
119.3
0.073
48.7
0.663
−57.5
600
0.605
−130.0
7.087
104.6
0.086
43.1
0.535
−72.7
800
0.567
−150.4
5.577
93.9
0.093
40.7
0.456
−84.3
1000
0.547
−166.4
4.548
86.0
0.098
41.1
0.407
−93.8
1200
0.533
−179.7
3.798
79.3
0.103
42.5
0.373
−102.4
1400
0.528
169.1
3.268
76.9
0.109
44.1
0.346
−110.3
1600
0.519
158.4
2.856
69.3
0.116
46.6
0.328
−117.4
1800
0.520
148.3
2.551
65.1
0.124
48.9
0.314
−123.0
2000
0.524
138.7
2.290
61.1
0.133
51.1
0.303
−128.3
VCE = 8 V, IC = 20 mA
Frequency
S11
S21
S12
S22
(MHz)
Mag.
Ang.
Mag.
Ang.
Mag.
Ang.
Mag.
Ang.
200
0.540
−106.8
23.009
123.0
0.033
56.9
0.605
−57.8
400
0.521
−147.5
13.445
102.7
0.045
54.9
0.392
−81.2
600
0.521
−167.1
9.277
92.8
0.057
57.9
0.309
−95.5
800
0.525
−178.9
7.029
85.7
0.069
60.0
0.271
−107.3
1000
0.526
−168.8
5.651
80.0
0.082
62.5
0.250
−117.9
1200
0.529
−158.7
4.688
75.6
0.094
63.4
0.236
−127.6
1400
0.531
−148.5
4.011
71.6
0.106
64.5
0.225
−136.2
1600
0.536
−140.4
3.531
68.1
0.119
65.1
0.214
−143.8
1800
0.539
−131.7
3.159
64.7
0.133
65.5
0.201
−149.8
2000
0.540
−122.8
2.842
61.8
0.147
65.7
0.190
−154.8



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com