Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5097 Datasheet(PDF) 4 Page - Toshiba Semiconductor

Part # 2SC5097
Description  Silicon NPN Epitaxial Planar Type VHF~UHF Band Low Noise Amplifier Applications
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SC5097 Datasheet(HTML) 4 Page - Toshiba Semiconductor

  2SC5097 Datasheet HTML 1Page - Toshiba Semiconductor 2SC5097 Datasheet HTML 2Page - Toshiba Semiconductor 2SC5097 Datasheet HTML 3Page - Toshiba Semiconductor 2SC5097 Datasheet HTML 4Page - Toshiba Semiconductor 2SC5097 Datasheet HTML 5Page - Toshiba Semiconductor 2SC5097 Datasheet HTML 6Page - Toshiba Semiconductor 2SC5097 Datasheet HTML 7Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
2SC5097
2007-11-01
4
S-Parameter ZO = 50 Ω, Ta = 25°C
VCE = 6 V, IC = 3 mA
Frequency
S11
S21
S12
S22
(MHz)
Mag.
Ang.
Mag.
Ang.
Mag.
Ang.
Mag.
Ang.
200
0.831
−29.9
8.685
158.4
0.040
75.6
0.961
−20.4
400
0.744
−57.7
7.706
139.0
0.071
63.6
0.871
−38.7
600
0.653
−81.5
6.564
123.7
0.093
54.8
0.772
−54.2
800
0.565
−102.8
5.604
111.1
0.108
48.4
0.681
−67.0
1000
0.501
−121.2
4.788
101.3
0.117
45.1
0.608
−77.4
1200
0.441
−137.8
4.120
92.9
0.124
42.7
0.547
−86.4
1400
0.396
−153.1
3.583
85.9
0.129
42.0
0.496
−94.0
1600
0.363
−166.2
3.156
80.3
0.135
42.0
0.459
−100.7
1800
0.330
−179.2
2.820
75.4
0.141
42.7
0.430
−106.1
2000
0.314
−167.4
2.533
70.7
0.147
43.5
0.407
−110.8
VCE = 6 V, IC = 10 mA
Frequency
S11
S21
S12
S22
(MHz)
Mag.
Ang.
Mag.
Ang.
Mag.
Ang.
Mag.
Ang.
200
0.696
−46.2
15.000
148.1
0.036
70.3
0.893
−29.1
400
0.570
−83.4
11.651
125.1
0.058
59.4
0.726
−50.2
600
0.488
−111.0
8.996
110.5
0.072
54.8
0.596
−64.8
800
0.432
−133.1
7.207
100.0
0.083
52.8
0.508
−76.0
1000
0.403
−150.9
5.938
91.9
0.093
53.0
0.446
−85.0
1200
0.378
−167.1
4.989
85.3
0.101
53.1
0.401
−92.9
1400
0.364
177.9
4.292
79.9
0.110
54.0
0.363
−100.0
1600
0.348
164.4
3.761
75.3
0.120
54.7
0.336
−105.7
1800
0.339
151.5
3.353
71.1
0.130
55.7
0.314
−110.2
2000
0.334
138.6
3.015
67.2
0.140
56.2
0.296
−114.1



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com