Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS547A Datasheet(PDF) 2 Page - Campbell Scientific United Kingdom

Part # CS547A
Description  For measurement of electrical conductivity, dissolved solids and temperature in fresh water
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CAMPBELL [Campbell Scientific United Kingdom]
Direct Link  https://www.campbellsci.co.uk/
Logo CAMPBELL - Campbell Scientific United Kingdom

CS547A Datasheet(HTML) 2 Page - Campbell Scientific United Kingdom

  CS547A Datasheet HTML 1Page - Campbell Scientific United Kingdom CS547A Datasheet HTML 2Page - Campbell Scientific United Kingdom  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
We reserve the right to alter specifications without notice
Specifications
Probe
Construction: The sensor consists of three stainless steel rings mounted in an epoxy tube.
Size: (L x W x H) 89mm x 25.4mm x 19mm
Weight: 120g (with approx. 1 metre cable)
Maximum Cable Length: 300m. It is recommended that the sensor is ordered with the desired length to avoid any jointing problems; for ground water
applications it is also recommended that an optional (80g) weight and cable grip are ordered for cable lengths over 30m.
Depth Rating: Maximum 300m.
pH Range: Solution pH of less than 3.0 or greater than 9.0 may damage the housing.
Cleaning: Nylon brush provided
Conductivity Sensor
Electrodes: Passivated 316 stainless steel with DC isolation capacitors.
Cell Constant: Individually calibrated. The cell constant (K
c) is given on a label near the termination of the cable.
Operating Temperature Range: 0°C to +50°C
Conductivity Range: Approx. 0.005 to 7.5mScm-1
Accuracy:* In KCl and Na
2SO4, NaHCO3, and NaCl standards at 25°C
±5% of reading, 0.45 to 7.0mScm-1
±10% of reading, 0.005 to 0.44mScm-1
* User calibration of individual probes may improve the quoted accuracy.
Temperature Sensor
Thermistor: Betatherm 100K6A1
Range: 0°C to +50°C
Accuracy:
±0.4°C (worst case)
A547 Interface:
Size: 63.5 x 22.2 x 44.5mm
Weight: 170g
Temperature Range: -15°C to +50°C
Multiple sensors can be measured by connecting the
probes to an AM16/32B multiplexer and then connecting the
multiplexer to a single A547 interface



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com