Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5171 Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # 2SC5171
Description  Silicon NPN Epitaxial Type Power Amplifier Applications
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SC5171 Datasheet(HTML) 3 Page - Toshiba Semiconductor

  2SC5171 Datasheet HTML 1Page - Toshiba Semiconductor 2SC5171 Datasheet HTML 2Page - Toshiba Semiconductor 2SC5171 Datasheet HTML 3Page - Toshiba Semiconductor 2SC5171 Datasheet HTML 4Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
2SC5171
2006-11-10
3
Collector-emitter voltage VCE (V)
IC – VCE
Base-emitter voltage VBE (V)
IC – VBE
Collector current IC (A)
VCE (sat) – IC
Collector current IC (A)
hFE – IC
Collector-emitter voltage VCE (V)
Safe Operating Area
2.0
0
0
0.4
0.8
1.2
1.6
2.0
0.4
0.8
1.2
1.6
Common emitter
VCE = 5 V
25°C
−25°C
Tc = 100°C
1
0.01
0.01
0.1
0.1
1
10
Common emitter
IC/IB = 10
Tc = 25°C
Tc = −25°C
Tc = 100°C
2.0
0
0
Common emitter
Tc = 25°C
4
IB = 2 mA
2
4
6
8
10
0.4
0.8
1.2
1.6
100
150
50
40
30
20
10
8
6
0.01
3
10
30
100
300
1000
0.03
0.05
0.1
0.3
0.5
1
3
5 IC max (pulsed)*
1 ms*
IC max
(continuous)
DC operation
Tc = 25°C
10 ms*
100 ms*
VCEO max
*: Single nonrepetitive pulse
Tc = 25°C
Curves must be derated
linearly with increase in
temperature.
100 μs*
1000
3
0.01
0.1
10
1
10
100
Common emitter
VCE = 5 V
Tc = 100°C
Tc = −25°C
Tc = 25°C
30
300



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com