Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5197 Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # 2SC5197
Description  Silicon NPN Triple Diffused Type Power Amplifier Applications
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SC5197 Datasheet(HTML) 3 Page - Toshiba Semiconductor

  2SC5197 Datasheet HTML 1Page - Toshiba Semiconductor 2SC5197 Datasheet HTML 2Page - Toshiba Semiconductor 2SC5197 Datasheet HTML 3Page - Toshiba Semiconductor 2SC5197 Datasheet HTML 4Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
2SC5197
2006-11-10
3
Collector-emitter voltage VCE (V)
IC – VCE
VCE (sat) – IC
Collector current IC (A)
Collector-emitter voltage VCE (V)
Safe Operating Area
hFE – IC
Collector current IC (A)
Base-emitter voltage VBE (V)
IC – VBE
10
6
4
2
0
IB = 10 mA
20
Common emitter
Tc = 25°C
8
4
6
8
2
0
10
30
40
50
100
150
200
250
300
10
6
4
2
0
Common emitter
VCE = 5 V
8
0.8
1.2
1.6
0.4
0
2.0
Tc = 100°C
−25°C
−25°C
100
10
0.1
1
1
Common emitter
VCE = −5 V
0.01
1000
10
Tc = 100°C
Tc = −25°C
Tc = 25°C
10
1
0.1
0.01
0.01
0.1
1
10
Common emitter
IC/IB = 10
100
Tc = 100°C
Tc = −25°C
Tc = −25°C
0.05
2
30
1
10
30
100
300
0.5
3
5
10
*: Single nonrepetitive pulse
Tc = 25°C
Curves must be derated
linearly with increase in
temperature.
IC max (continuous)
IC max (pulsed)*
VCEO max
DC operation
Tc = 25°C
1 ms*
10 ms*
100 ms*
0.3
0.1
3



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com