Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5201 Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # 2SC5201
Description  Silicon NPN Triple Diffused Mesa Type High-Voltage Switching Applications
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SC5201 Datasheet(HTML) 1 Page - Toshiba Semiconductor

  2SC5201 Datasheet HTML 1Page - Toshiba Semiconductor 2SC5201 Datasheet HTML 2Page - Toshiba Semiconductor 2SC5201 Datasheet HTML 3Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
2SC5201
2006-11-10
1
TOSHIBA Transistor Silicon NPN Triple Diffused Mesa Type
2SC5201
High-Voltage Switching Applications
• High breakdown voltage: VCEO = 600 V
• Low saturation voltage: VCE (sat) = 1.0 V (max)
(IC = 20 mA, IB = 0.5 mA)
Absolute Maximum Ratings (Ta = 25°C)
Characteristics
Symbol
Rating
Unit
Collector-base voltage
VCBO
600
V
Collector-emitter voltage
VCEO
600
V
Emitter-base voltage
VEBO
7
V
DC
IC
50
Collector current
Pulse
ICP
100
mA
Base current
IB
25
mA
Collector power dissipation
PC
900
mW
Junction temperature
Tj
150
°C
Storage temperature range
Tstg
−55 to 150
°C
Note: Using continuously under heavy loads (e.g. the application of high
temperature/current/voltage and the significant change in
temperature, etc.) may cause this product to decrease in the
reliability significantly even if the operating conditions (i.e.
operating temperature/current/voltage, etc.) are within the absolute maximum ratings.
Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook
(“Handling Precautions”/Derating Concept and Methods) and individual reliability data (i.e. reliability test report
and estimated failure rate, etc).
Unit: mm
JEDEC
TO-92MOD
JEITA
―
TOSHIBA
2-5J1A
Weight: 0.36 g (typ.)


Similar Part No. - 2SC5201

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SC5201 TOSHIBA-2SC5201 Datasheet
77Kb / 1P
NPN TRIPLE DIFFUSED MESA TYPE (HIGH VOLTAGE SWITCHING APPLICATIONS)
2SC5201 TOSHIBA-2SC5201 Datasheet
1Mb / 73P
Bipolar Small-Signal Transistors
More results

Similar Description - 2SC5201

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SC5201 TOSHIBA-2SC5201 Datasheet
77Kb / 1P
NPN TRIPLE DIFFUSED MESA TYPE (HIGH VOLTAGE SWITCHING APPLICATIONS)
logo
Wing Shing Computer Com...
MJE13002A WINGS-MJE13002A Datasheet
87Kb / 1P
SILICON NPN TRIPLE DIFFUSED MESA TYPE
logo
Toshiba Semiconductor
2SD1279 TOSHIBA-2SD1279 Datasheet
96Kb / 3P
SILICON NPN TRIPLE DIFFUSED MESA TYPE
2SD1430 TOSHIBA-2SD1430 Datasheet
49Kb / 1P
SILICON NPN TRIPLE DIFFUSED MESA TYPE
2SC5208 TOSHIBA-2SC5208 Datasheet
167Kb / 5P
Silicon NPN Triple Diffused Type High-Voltage Switching Applications
2SC5351 TOSHIBA-2SC5351_06 Datasheet
136Kb / 5P
Silicon NPN Triple Diffused Type High-Voltage Switching Applications
logo
Guangdong Kexin Industr...
2SC5355 KEXIN-2SC5355 Datasheet
44Kb / 2P
Silicon NPN Triple Diffused Mesa Type
logo
Tiger Electronic Co.,Lt...
2SD2553 TGS-2SD2553 Datasheet
138Kb / 1P
SILICON NPN TRIPLE DIFFUSED MESA TYPE
2SD2499 TGS-2SD2499 Datasheet
92Kb / 1P
SILICON NPN TRIPLE DIFFUSED MESA TYPE
2SD2553-E-1 TGS-2SD2553-E-1 Datasheet
138Kb / 1P
SILICON NPN TRIPLE DIFFUSED MESA TYPE
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com