Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5208 Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # 2SC5208
Description  Silicon NPN Triple Diffused Type High-Voltage Switching Applications
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SC5208 Datasheet(HTML) 3 Page - Toshiba Semiconductor

  2SC5208 Datasheet HTML 1Page - Toshiba Semiconductor 2SC5208 Datasheet HTML 2Page - Toshiba Semiconductor 2SC5208 Datasheet HTML 3Page - Toshiba Semiconductor 2SC5208 Datasheet HTML 4Page - Toshiba Semiconductor 2SC5208 Datasheet HTML 5Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
2SC5208
2006-11-13
3
Collector-emitter voltage VCE (V)
IC – VCE
Collector current IC (mA)
hFE – IC
VCE (sat) – IC
Collector current IC (mA)
VBE (sat) – IC
300
1
1
100
30
10
3
10
30
100
300
1000
3
Common emitter
VCE = 5 V
Ta = 100°C
25
−40
5
50
0.1
10
Ta = −40°C
25
0.3
0.5
1
3
Common emitter
IC/IB = 10
100
5
1
10
100
1000
3
30
300
Base-emitter voltage VBE (V)
IC – VBE
1000
0
0
800
600
400
200
0.4
0.6
0.8
1.0
1.2
0.2
Common emitter
VCE = 5 V
Ta = 100°C 25
−40
Collector current IC (A)
Switching Characteristics
100
0.1
0
30
10
1
0.5
0.1
0.2
0.5
tf
tstg
IC/IB = 10
IB1 = −IB2
Pulse width = 20 μs
Duty cycle ≤ 1%
Ta = 25°C
3
5
50
0.3
0.4
0.3
tr
Collector current IC (mA)
10
0.03
1
3
1
0.1
0.05
10
100
1000
Ta = 100°C
25
−40
Common emitter
IC/IB = 10
0.3
0.5
5
3
30
300
1000
800
600
400
200
4
6
8
10
12
2
0
20
30
10
IB = 2 mA
40
5
60
0
80
Common emitter
Ta = 25°C
0



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com