Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5368 Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # 2SC5368
Description  Silicon NPN Triple Diffused Type
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SC5368 Datasheet(HTML) 3 Page - Toshiba Semiconductor

  2SC5368 Datasheet HTML 1Page - Toshiba Semiconductor 2SC5368 Datasheet HTML 2Page - Toshiba Semiconductor 2SC5368 Datasheet HTML 3Page - Toshiba Semiconductor 2SC5368 Datasheet HTML 4Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
2SC5368
2006-11-10
3
Collector current IC (A)
VBE (sat) – IC
Collector-emitter voltage VCE (V)
Safe Operating Area
hFE – IC
Collector current IC (A)
Base-emitter voltage VBE (V)
IC – VBE
Collector-emitter voltage VCE (V)
IC – VCE
Collector current IC (A)
VCE (sat) – IC
0
0
0.8
1.6
2
4
6
8
IB = 0.01 A
0.1
0.15
0.04
0.02
10
0.4
1.2
2
0.03
0.05
0.2
0.25
0.3
Common emitter
Tc = 25°C
0
0
2
0.5
1
1.5
Common emitter
VCE = 5 V
1
3
4
Tc = 100°C
25
−55
100
3
0.01
Common emitter
VCE = 5 V
5
10
30
50
0.05
0.1
1
Tc = 100°C
25
−55
0.03
0.3
3
1
0.5
*: Single nonrepetitive pulse
Tc = 25°C
Curves must be derated
linearly with increase in
temperature.
0.3
3
10
100
0.03
0.1
0.01
0.03
1
3
10
IC max (continuous)
IC max (pulsed)*
10 ms*
100 ms*
DC operation
Tc = 25°C
1000
VCEO max
1
30
300
0.1
0.3
1 ms*
0.1
0.03
0.5
0.05
0.1
0.3
0.5
2
1
0.3
1
0.3
Tc = 100°C
25
−55
Common emitter
IC/IB = 8
20
0.5
10
0.01
0.03
0.1
0.3
1
3
10
3
1
5
0.05
0.3
0.1
Common emitter
IC/IB = 8
Tc = 100°C
25
−55



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com