Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS450 Datasheet(PDF) 1 Page - Campbell Scientific United Kingdom

Part # CS450
Description  Submersible Pressure Transducers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CAMPBELL [Campbell Scientific United Kingdom]
Direct Link  https://www.campbellsci.co.uk/
Logo CAMPBELL - Campbell Scientific United Kingdom

CS450 Datasheet(HTML) 1 Page - Campbell Scientific United Kingdom

  CS450 Datasheet HTML 1Page - Campbell Scientific United Kingdom CS450 Datasheet HTML 2Page - Campbell Scientific United Kingdom  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CS450 and CS455
Submersible Pressure Transducers
Campbell Scientific’s CS450 and CS455 submersible pressure
transducers provide reliable, accurate pressure and tempera-
ture measurements. Their rugged construction makes them
suitable for water level measurements in canals, wells, ponds,
harbors, lakes, streams and tanks. An NPT fitting allows the
CS450 and CS455 to be used in closed-pipe applications.
Both transducers output either a digital SDI-12 or RS-232
signal to indicate observed pressure and temperature. This
output is acceptable for recording devices with SDI-12 or
RS-232 capability including Campbell Scientific dataloggers.
The transducers consist of a piezoresistive sensor and a
temperature sensor housed in a metal case. The CS450 has
a 316L stainless-steel case that can be submerged in most
canals, wells, ponds, lakes, and streams. The CS455 has a
rugged titanium case that allows it to be used in saltwater
or other harsh environments.
The CS450 and CS455 are fitted with a rugged Hytrel cable
that remains flexible, even under harsh environmental con-
ditions. The cable incorporates a vent tube to compensate
for atmospheric pressure fluctuations. The vent tube termi-
nates inside a desiccant tube, which prevents water vapor
from entering the inner cavity of the transducer.
Campbell Scientific offers the A150 Desiccated Case that
allows the CS450 or CS455 to be connected to a CWS900
Wireless Sensor Interface (for use in a wireless sensor
network) or to be connected to a prewired enclosure (see
Ordering Information on page 2).
Features/Benefits
• Output acceptable for recording devices with
SDI-12 or RS-232 capability including Campbell
Scientific dataloggers.
• Static accuracies of ±0.1% FS and ±0.05% FS* avail-
able. Accuracies are over 0° to 60°C range.
• Quality construction that ensures product reliability.
• Rugged stainless steel or titanium case that protects
piezoresistive sensor.
• Quick shipment after receipt of order (ARO).
• Fully temperature compensated.
• 24-bit A/D.
• Simultaneous 50/60 Hz rejection.
• Low power sleep state between measurements that
reduces power consumption.
• Weighted nose cone offered that adds 0.465 lbs
(0.211 kg) to the transducer’s weight. Additional
weight makes submersion of the transducer easier.
Questions • Research • Pricing
www.campbellsci.com/cs450
www.campbellsci.com/cs455


Similar Part No. - CS450

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
CS45-08IO1 IXYS-CS45-08IO1 Datasheet
61Kb / 3P
Phase Control Thyristor
CS45-08IO1 IXYS-CS45-08IO1 Datasheet
412Kb / 5P
Single Thyristor
logo
Inchange Semiconductor ...
CS45-08IO1 ISC-CS45-08IO1 Datasheet
286Kb / 3P
Isc Thyristors
logo
IXYS Corporation
CS45-12IO1 IXYS-CS45-12IO1 Datasheet
61Kb / 3P
Phase Control Thyristor
CS45-12IO1 IXYS-CS45-12IO1 Datasheet
412Kb / 5P
Thyristor Single Thyristor
More results

Similar Description - CS450

ManufacturerPart #DatasheetDescription
logo
Sensortechnics GmbH
CTEM8250G4CXS SENSORTECHNICS-CTEM8250G4CXS Datasheet
75Kb / 4P
OEM submersible pressure transducers
CTEM9100G4CXS SENSORTECHNICS-CTEM9100G4CXS Datasheet
75Kb / 4P
OEM stainless steel submersible pressure transducers
KTEM6250G4CXS SENSORTECHNICS-KTEM6250G4CXS Datasheet
95Kb / 4P
OEM submersible pressure transducers
KTEM8250G4CXSEV SENSORTECHNICS-KTEM8250G4CXSEV Datasheet
57Kb / 4P
Submersible pressure transducers
logo
Copal Electronics
P-2000 COPAL-P-2000 Datasheet
75Kb / 3P
PRESSURE TRANSDUCERS
P-3000S COPAL-P-3000S Datasheet
84Kb / 3P
PRESSURE TRANSDUCERS
P-8300 COPAL-P-8300 Datasheet
78Kb / 3P
PRESSURE TRANSDUCERS
P-8305 COPAL-P-8305 Datasheet
78Kb / 3P
PRESSURE TRANSDUCERS
PA-838-D COPAL-PA-838-D Datasheet
1,007Kb / 4P
Pressure Transducers
PA-858 COPAL-PA-858 Datasheet
628Kb / 3P
PRESSURE TRANSDUCERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com