Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KIT-FMC-DEV Datasheet(PDF) 2 Page - Kontron

Part # KIT-FMC-DEV
Description  3U VPX XILINX® VIRTEX®-5 FPGA PROCESSOR BOARD WITH FMC SITE
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KONTRON [Kontron]
Direct Link  https://www.kontron.com/en
Logo KONTRON - Kontron

KIT-FMC-DEV Datasheet(HTML) 2 Page - Kontron

  KIT-FMC-DEV Datasheet HTML 1Page - Kontron KIT-FMC-DEV Datasheet HTML 2Page - Kontron KIT-FMC-DEV Datasheet HTML 3Page - Kontron  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
/ / 2
www.kontron.com
To implement custom interfaces using VX3830, the customer
develops his IP using Xilinx® tools, and designs a specific FMC. The
FPGA image is loaded from a Flash on VX3830 or on the FMC.
A rescue FLASH is also present to ease developments and secure
deployments.
VX3830 features a Xilinx® Virtex®-5 FPGA (XC5VLX20T) featuring a
PCIe endpoint and User I/Os. VX3830 connects its FPGA endpoint
to the backplane through a x4 PCIe gen 2 channel (P1 Wafers 1 to 4
is default build option). Selection between x4 or x1 PCIe width is
user configurable.
VX3830 is available as a Convection Cooled or Conduction Cooled
3U VPX payload board. It requires +5 V and +12 V power supply rails.
VX3830 is a member of Kontron’s VPX Ecosystem and is qualified
with VX3230 and VX3030 SBCs. Kontron also offers a VITA 57 FMC
slot on VME products.
Kontron also offers a development kit containing: FMC-SER0 a
sample FMC with wrapping areas, a simple FPGA IP and a Linux
rpm with drivers, utilities and test programs. This kit allows non
regression tests and is the base for customized derivative work.
TECHNICAL INFORMATION
VPX INTERFACE
PCI Express® interface to VPX Data Plane 1 (P1 wafers 1 to 4).
Interface to Data Plane 2 (P1 wafers 5 to 8) is a build option*
FMC INTERFACE
64 bits I/Os routed to VPX P2
DIMENSIONS
99.85 mm x 162.54 mm
0.8 inch face plate (1 inch is a built option*)
* for build options, please contact Kontron
ENVIRONMENTAL SPECIFICATIONS
SA-STANDARD COMMERCIAL
RC - RUGGED CONDUCTION-COOLED
CONFORMAL COATING
Optional
Standard
AIRFLOW
1.5 m/s without throttling at 55 °C
NA
TEMPERATURE
VITA 47-Class AC1
VITA 47-Class CC4
COOLING METHOD
Convection
Conduction
OPERATING
0 °C to +55 °C
-40 °C to +85 °C
STORAGE
-45 °C to +85 °C
-45 °C to +85 °C
VIBRATION SINE (OPERATING)
20/500 Hz: 2 g
22/2.000 Hz: 2 g
RANDOM
VITA 47-Class V 1
VITA 47-Class V 3
SHOCK (OPERATING)
20 g/11 ms Half Sine
40 g/11 ms Half Sine
ALTITUDE (OPERATING)
-1.640 to 15.000 ft
-1.640 to 50.000 ft
RELATIVE HUMIDITY
90 % without condensation
95 % without condensation



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com