Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS475 Datasheet(PDF) 1 Page - Campbell Scientific United Kingdom

Part # CS475
Description  Radar Water Level Sensors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CAMPBELL [Campbell Scientific United Kingdom]
Direct Link  https://www.campbellsci.co.uk/
Logo CAMPBELL - Campbell Scientific United Kingdom

CS475 Datasheet(HTML) 1 Page - Campbell Scientific United Kingdom

  CS475 Datasheet HTML 1Page - Campbell Scientific United Kingdom CS475 Datasheet HTML 2Page - Campbell Scientific United Kingdom  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
COMPONENT
CS475, CS476 and CS477
Radar Water Level Sensors
Overview
The CS475, CS476, and CS477 are radar ranging sensors
typically used for water-level applications. They emit short
microwave pulses and then measure the elapsed time
between the emission and return of the pulses. The elapsed
time measurement is used to calculate the distance between
the sensor and the target (e.g., water, grain, slurry). The
distance value can then be used to determine depth.
The sensors differ in their measurement range and accuracy.
The CS475 can measure distances up to 20 metres with an
accuracy of ±5 mm; the CS476 can measure up to 30 metres
with an accuracy of ±3 mm; and the CS477 can measure up
to 70 metres with an accuracy of ±15 mm.
These radar sensors output a digital SDI-12 signal to indicate
distance and stage. This output is acceptable for recording
devices with SDI-12 capability including Campbell Scientific
dataloggers.
campbellsci.eu/cs475_476_477
More info: +44(0) 1509 828 888
Non-Contact Water
Level Monitoring
Meets EU LPR Standard
EN302729-1/2
Campbell Park, Shepshed, LE12 9GX UK | +(0)1509 828888 | sales@campbellsci.co.uk | wwwcampbellsci.eu
UK | AUSTRALIA | BRAZIL | CANADA | COSTA RICA | ENGLAND | FRANCE | GERMANY | SOUTH AFRICA | SPAIN |
Benefits and Features
Ideal for areas where submersed sensors can be damaged
due to corrosion, contamination, flood-related debris,
lightning or vandalism
Low maintenance - no moving parts significantly reduces
maintenance cost and time
Compatible with our CR200X-series, CR510, CR10X, CR800-
series, CR1000, CR3000 and CR5000 dataloggers
Low power consumption
Rugged enough for harsh environments - NEMA rated 4X
Wide operating temperature range (-40° to +80°C)
Individual FCC licence not required
FCC compliant (FCC IC# MOIPULS 616263)
A cut away view of the optional field enclosure showing sensor placement. The horn fastens to the sensor on the outside of the enclosure
(not shown).


Similar Part No. - CS475

ManufacturerPart #DatasheetDescription
logo
Campbell Scientific Uni...
CS475A CAMPBELL-CS475A Datasheet
475Kb / 2P
Radar Water-Level Sensor, 114.8 ft Maximum Distance
09/02/2020
CS475A CAMPBELL-CS475A Datasheet
895Kb / 3P
Pressure transducers, bubblers, shaft encoders, ultrasonics
03/30/2020
More results

Similar Description - CS475

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
AN1950 FREESCALE-AN1950 Datasheet
307Kb / 24P
Water Level Monitoring
logo
Magnetrol International...
705-5100-121 MAGNETROL-705-5100-121 Datasheet
1Mb / 56P
GuidedWave Radar Level Transmitter
logo
Fuji Electric
EDS7-65D FUJI-EDS7-65D Datasheet
167Kb / 4P
WATER LEVEL TRANSMITTER
logo
SICK AG
RAS407-2800100 SICK-RAS407-2800100 Datasheet
764Kb / 6P
RADAR SENSORS
2016-04-06
RAS407-2800101 SICK-RAS407-2800101 Datasheet
764Kb / 6P
RADAR SENSORS
2016-04-06
RAS407-2800200 SICK-RAS407-2800200 Datasheet
736Kb / 6P
RADAR SENSORS
2016-04-06
RAS407-2800201 SICK-RAS407-2800201 Datasheet
736Kb / 6P
RADAR SENSORS
2016-04-06
RAS407-2801001 SICK-RAS407-2801001 Datasheet
857Kb / 5P
RADAR SENSORS
2016-04-06
RAS407-2801100 SICK-RAS407-2801100 Datasheet
760Kb / 6P
RADAR SENSORS
2016-04-06
RAS407-2801101 SICK-RAS407-2801101 Datasheet
760Kb / 6P
RADAR SENSORS
2016-04-06
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com