Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC2229 Datasheet(PDF) 4 Page - Toshiba Semiconductor

Part # 2SC2229
Description  Silicon NPN Triple Diffused Type (PCT Process)
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SC2229 Datasheet(HTML) 4 Page - Toshiba Semiconductor

  2SC2229 Datasheet HTML 1Page - Toshiba Semiconductor 2SC2229 Datasheet HTML 2Page - Toshiba Semiconductor 2SC2229 Datasheet HTML 3Page - Toshiba Semiconductor 2SC2229 Datasheet HTML 4Page - Toshiba Semiconductor 2SC2229 Datasheet HTML 5Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
2SC2229
2006-11-09
4
PC – Ta
Collector-emitter voltage VCE (V)
Safe Operating Area
Ambient temperature Ta (°C)
Collector current IC (mA)
Reverse voltage VR (V)
Cib, Cob – VR
fT – IC
20
0
40
60
100
120
1.2
0.4
0
0.2
0.6
0.8
80
140
160
1.0
30
1
1
5
3
3
f = 1 MHz
Ta = 25°C
Cob (IE = 0)
10
30
100
10
50
Cib (IC = 0)
1
0.5
3
10
30
500
100
10
30
50
100
300
Common emitter
Ta = 25°C
VCE = 30 V
10
2
*: Single nonrepetitive pulse
Ta = 25°C
Curves must be derated linearly
with increase in temperature.
1
3
3
5
10
30
100
30
100
300
IC max (continuous)
IC max (pulsed)*
1 s*
300 ms*
100 ms*
DC operation
10
VCEO
max
200
50



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com