Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC2290A Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # 2SC2290A
Description  SILICON NPN EPITAXIAL PLANAR TYPE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SC2290A Datasheet(HTML) 2 Page - Toshiba Semiconductor

  2SC2290A Datasheet HTML 1Page - Toshiba Semiconductor 2SC2290A Datasheet HTML 2Page - Toshiba Semiconductor 2SC2290A Datasheet HTML 3Page - Toshiba Semiconductor 2SC2290A Datasheet HTML 4Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2SC2290A
2007-11-01
2
ELECTRICAL CHARACTERISTICS (Tc = 25°C)
CHARACTERISTIC
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Collector-Emitter Breakdown Voltage
V (BR) CEO
IC = 100mA, IB = 0
18
—
—
V
Collector-Emitter Breakdown Voltage
V (BR) CES
IC = 100mA, VEB = 0
45
—
—
V
Emitter-Base Breakdown Voltage
V (BR) EBO
IE = 1mA, IC = 0
4
—
—
V
DC Current Gain
hFE
VCE = 5V, IC = 10A *
10
—
150
—
Collector Output Capacitance
Cob
VCB = 12.5V, IE = 0
f = 1MHz
—
—
500
pF
Power Gain
Gp
11.8
13.8
—
dB
Input Power
Pi
—
2.5
4
WPEP
Collector Efficiency
ηC
35
—
—
%
Intermodulation Distortion
IMD
VCC = 12.5V, f1 = 28.000MHz,
f2 = 28.001MHz
Iidle = 50mA
Po = 60WPEP (Fig.)
—
—
−30
dB
Series Equivalent Input Impedance
Zin
—
1.02
−j0.17
—
Ω
Series Equivalent Output Impedance
Zout
VCC = 12.5V, f1 = 28.000MHz,
f2 = 28.001MHz
Po = 60WPEP
—
0.86
−j0.21
—
Ω
* Pulse Test:
Pulse Width ≤ 100μs, Duty Cycle ≤ 3%



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com