Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC2482 Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # 2SC2482
Description  Silicon NPN Epitaxial Type (PCT Process)
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SC2482 Datasheet(HTML) 3 Page - Toshiba Semiconductor

  2SC2482 Datasheet HTML 1Page - Toshiba Semiconductor 2SC2482 Datasheet HTML 2Page - Toshiba Semiconductor 2SC2482 Datasheet HTML 3Page - Toshiba Semiconductor 2SC2482 Datasheet HTML 4Page - Toshiba Semiconductor 2SC2482 Datasheet HTML 5Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
2SC2482
2006-11-09
3
Collector-emitter voltage VCE (V)
IC – VCE
Collector current IC (mA)
Collector current IC (mA)
VCE (sat) – IC
VCE (sat) – IC
VBE (sat) – IC
Collector current IC (mA)
hFE – IC
Collector current IC (mA)
hFE – IC
Collector current IC (mA)
0.6
4
3
120
0
0
100
80
20
4
8
12
Common emitter
Ta = 25°C
2
IB = 0.2 mA
16
6
1
0
60
40
20
24
0.4
30
500
0.3
300
50
30
10
1
3
10
100
100
5
1000
Common emitter
VCE = 10 V
25
Ta = 100°C
−25
30
500
0.3
300
50
30
10
1
3
10
100
100
5
1000
Common emitter
Ta = 25°C
10
VCE = 20 V
5
30
5
0.3
3
0.5
0.3
0.1
1
3
10
100
1
0.05
10
Common emitter
Ta = 25°C
IC/IB = 10
5
2
30
5
0.3
3
0.5
0.3
0.1
1
3
10
100
1
0.05
10
Common emitter
IC/IB = 5
Ta = 100°C
−25
25
30
5
0.3
3
0.5
0.3
0.0
1
3
10
100
1
0.05
10
Common emitter
IC/IB = 5
Ta = 25°C



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com