Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC2500 Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # 2SC2500
Description  Silicon NPN Epitaxial Type (PCT Process)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SC2500 Datasheet(HTML) 3 Page - Toshiba Semiconductor

  2SC2500 Datasheet HTML 1Page - Toshiba Semiconductor 2SC2500 Datasheet HTML 2Page - Toshiba Semiconductor 2SC2500 Datasheet HTML 3Page - Toshiba Semiconductor 2SC2500 Datasheet HTML 4Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
2SC2500
2006-11-09
3
Collector-emitter voltage VCE (V)
IC – VCE
Base-emitter voltage VBE (V)
IC – VBE
Collector current IC (A)
hFE – IC
Collector current IC (A)
VCE (sat) – IC
Ambient temperature Ta (°C)
PC – Ta
Safe Operating Area
Collector-emitter voltage VCE (V)
0.1
Common emitter
VCE = 1 V
20
50
100
500
0.3
3
−25
25
Ta = 100°C
1
0.05
300
0.02
0.05
0.1
0.5
0.3
Common emitter
IC/IB = 40
0.1
0.3
3
5
1
0.5
−25
25
Ta = 100°C
0
0
Common emitter
Ta = 25°C
5
3
4
5
6
7
30
10
50
40
IB = 5 mA
0
20
3
1
1
2
4
2
0
0
200
400
600
800
1000
20
40
60
80
100
120
160
140
IC max (pulsed)**
*: Single nonrepetitive
pulse Ta = 25°C
**: Pulse width ≤ 10 ms
Duty cycle ≤ 30%
Ta = 25°C
Curves must be derated
linearly with increase in
temperature.
IC max (continuous)
DC operation
(Ta = 25°C)
10 ms*
100 ms*
0.3
1
10
0.05
0.3
0.1
1
3
0.5
3
5
Common emitter
VCE = 1 V
0
0.6
0.8
1.2
Ta = 100°C
25
1.4
1.0
0.2
0.4
0
−25
5
3
1
2
4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com