Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1SS403 Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # 1SS403
Description  High Voltage Switching Applications
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

1SS403 Datasheet(HTML) 1 Page - Toshiba Semiconductor

  1SS403 Datasheet HTML 1Page - Toshiba Semiconductor 1SS403 Datasheet HTML 2Page - Toshiba Semiconductor 1SS403 Datasheet HTML 3Page - Toshiba Semiconductor 1SS403 Datasheet HTML 4Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1SS403
2007-11-01
1
TOSHIBA Diode Silicon Epitaxial Planar Type
1SS403
High Voltage Switching Applications
Two-pin small packages are suitable for higher mounting densities.
Excellent in forward current and forward voltage
characteristics
: VF (2) = 0.90V (typ.)
Fast reverse recovery time
: trr = 60ns (typ.)
Small total capacitance
: CT = 1.5pF (typ.)
Absolute Maximum Ratings (Ta = 25°C)
Characteristic
Symbol
Rating
Unit
Maximum (peak) reverse voltage
VRM
250
V
Reverse voltage
VR
200
V
Maximum (peak) forward current
IFM
300
mA
Average forward current
IO
100
mA
Surge current (10ms)
IFSM
2
A
Power dissipation
P
200 *
mW
Junction temperature
Tj
125
°C
Storage temperature range
Tstg
−55~125
°C
Note: Using continuously under heavy loads (e.g. the application of high
temperature/current/voltage and the significant change in
temperature, etc.) may cause this product to decrease in the reliability significantly even if the operating
conditions (i.e. operating temperature/current/voltage, etc.) are within the absolute maximum ratings.
Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook
(“Handling Precautions”/“Derating Concept and Methods”) and individual reliability data (i.e. reliability test
report and estimated failure rate, etc).
*: When mounted on a glass epoxy board PCB: 20 mm × 20 mm,
with copper pad 4 mm × 4 mm.
Electrical Characteristics (Ta = 25°C)
Characteristic
Symbol
Test
Circuit
Test Condition
Min
Typ.
Max
Unit
VF (1)
―
IF = 10mA
―
0.72
1.0
Forward voltage
VF (2)
―
IF = 100mA
―
0.90
1.2
V
IR (1)
―
VR = 50V
―
―
0.1
Reverse current
IR (2)
―
VR = 200V
―
―
1.0
μA
Total capacitance
CT
―
VR = 0, f = 1MHz
―
1.5
3.0
pF
Reverse recovery time
trr
―
IF = 10mA (Fig. 1)
―
10
60
ns
JEDEC
―
JEITA
―
TOSHIBA
1-1E1A
Weight: 0.0045g(typ.)
Unit in mm


Similar Part No. - 1SS403

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
1SS403 TOSHIBA-1SS403 Datasheet
125Kb / 3P
DIODE (HIGH VOLTAGE SWITCHING APPLICATIONS)
1SS403E TOSHIBA-1SS403E Datasheet
177Kb / 5P
Switching Diodes Silicon Epitaxial Planar
1SS403 TOSHIBA-1SS403_15 Datasheet
294Kb / 4P
TOSHIBA Diode Silicon Epitaxial Planar Type
More results

Similar Description - 1SS403

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SA1592 SANYO-2SA1592 Datasheet
128Kb / 4P
High-Voltage Switching Applications
2SA1768 SANYO-2SA1768 Datasheet
120Kb / 4P
High-Voltage Switching Applications
2SA1770 SANYO-2SA1770 Datasheet
116Kb / 4P
High-Voltage Switching Applications
2SC4450 SANYO-2SC4450 Datasheet
80Kb / 3P
High-Voltage Switching Applications
CPH3140 SANYO-CPH3140 Datasheet
47Kb / 4P
High-Voltage Switching Applications
logo
Toshiba Semiconductor
2SA1972 TOSHIBA-2SA1972_07 Datasheet
150Kb / 4P
High-Voltage Switching Applications
logo
Guangdong Kexin Industr...
2SA1419 KEXIN-2SA1419 Datasheet
511Kb / 3P
High-Voltage Switching Applications
2SA1415 KEXIN-2SA1415 Datasheet
412Kb / 3P
High-Voltage Switching Applications
2SA1416 KEXIN-2SA1416 Datasheet
509Kb / 3P
High-Voltage Switching Applications
2SC4135 KEXIN-2SC4135 Datasheet
45Kb / 2P
High-Voltage Switching Applications
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com