Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NT90THCEDC48VC Datasheet(PDF) 5 Page - DB Lectro Inc

Part # NT90THCEDC48VC
Description  Suitable for automobile, machine, electronic equipment, air conditioner and household appliances applications
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DBLECTRO [DB Lectro Inc]
Direct Link  http://www.dblectro.com
Logo DBLECTRO - DB Lectro Inc

NT90THCEDC48VC Datasheet(HTML) 5 Page - DB Lectro Inc

  NT90THCEDC48VC Datasheet HTML 1Page - DB Lectro Inc NT90THCEDC48VC Datasheet HTML 2Page - DB Lectro Inc NT90THCEDC48VC Datasheet HTML 3Page - DB Lectro Inc NT90THCEDC48VC Datasheet HTML 4Page - DB Lectro Inc NT90THCEDC48VC Datasheet HTML 5Page - DB Lectro Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Safety approvals
Safety approval
UL&CUR
T V
CQC
Load
NO:40A/240VAC 30A/277VAC
NO: 40A/240VAC 14VDC
NO: 30A/240VAC
NC: 30A/240VAC 20A/277VAC
NC: 30A/240VAC 14VDC
NC: 20A/240VAC
2HP 250VAC
Insulation
B-class
1
HP 250VAC TV-5
F-class
Insulation
B-class
F-class
Reference Data
Small size, light weight. Low coil power consumption, heavy contact load. Strong anti-shock and anti-vibration, high
reliability, long life.
Suitable for automobile, machine, electronic equipment, air conditioner and household appliances applications.
Ordering Information
N90TP
H
L
A
S
DC12V
C
B
0.9
1
2
3
4
5
6
7
8
9
6 Coil rated Voltage(V)
AC:12,24, 110,120,220
DC:3,5,6,9,12,15,18,24,48,110
7 Contact material C: AgCdO S: AgSnO
2 ;
8 Resist heat class
B:130
F:155
9 Coil power consumption
0.6:0.6W
0.9:0.9W
NIL:2VA
I: AgSnO In O
2
2
3
1 Part number NT90TP
T92
NT90TP
2
2 Load
H:30A
N:40A
3 High
NIL: Standard
L: Low profile type
4 Contact arrangement A:1A
B:1B
C:1C
5 Enclosure
S: Sealed type D: Dust cover
E: Covered
Contact Data
Contact Arrangement
1A
SPSTNO
1B
SPSTNC
1C
SPDT(B-M)
Contact Material
AgCdO
AgSnO
AgSnO In O
22
2
3
Contact Rating (resistive)
Max. Switching Power
1100W 7200VA
Max. Switching Voltage
110VDC 250VAC
Max. Switching Current:40A
Contact Resistance or Voltage drop
30m
Item 3.12 of IEC255-7
5
Operation
Electrical
10
Item 3.30 of IEC255-7
7
life
Mechanical
10
Item 3.31 of IEC255-7
Coil Parameter
CAUTION: 1.The use of any coil voltage less than the rated coil voltage will compromise the operation of the relay.
2.Pickup and release voltage are for test purposes only and are not to be used as design criteria.
NT90TP (T92)
03001003503
E9930952
R2033977.07
E160644
32.4(50)
27
20
32.4(50)
27
28.5
Features
124
NT90TP (T92)
R
C
US
Patent No.02110881.1
NO:30A/240VAC,14VDC;
NC:20A/240VAC;30A/14VDC
NO:40A/250VAC,30VDC; NC:30A/250VAC,30VDC (0.9W)
NO:30A/277VAC;NC:20A/277VAC
Motor load
2HP 250VAC
1.5HP 250V
Lamp load
TV-5
Release
Time
ms
AC Coil Parameter
012AC
12
15.6
27
9.0
3.6
024AC
24
31.2
120
18.0
7.2
110AC
110
143
2360
82.5
33.0
120AC
120
156
3040
90.0
36.0
220AC
220
286
13490
165.0
66.0
Dash
numbers
Rated voltage
VAC
Coil
resistance
10%
Pick up
voltage
VAC(max)
(75%of
rated
voltage)
Release
voltage
VAC(min)
(30%of
rated
voltage)
Coil
power
Operate
Time
ms
Rated
Max
2VA
Rated
current
mA
187
95
20
16.5
6.4
HP:A 1HP/16AFLA/120VAC
2HP/12AFLA/240VAC
B 30LRA/10AFLA/120VAC
30LRA/10AFLA/240VAC
2
1
Ningbo Forward Relay Corporation LTD.
NHG RELAYS



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com