Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KZ2D220MT Datasheet(PDF) 2 Page - DB Lectro Inc

Part # KZ2D220MT
Description  CHIP TYPE, EXTRA LOW IMPEDANCE
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DBLECTRO [DB Lectro Inc]
Direct Link  http://www.dblectro.com
Logo DBLECTRO - DB Lectro Inc

KZ2D220MT Datasheet(HTML) 2 Page - DB Lectro Inc

  KZ2D220MT Datasheet HTML 1Page - DB Lectro Inc KZ2D220MT Datasheet HTML 2Page - DB Lectro Inc KZ2D220MT Datasheet HTML 3Page - DB Lectro Inc KZ2D220MT Datasheet HTML 4Page - DB Lectro Inc KZ2D220MT Datasheet HTML 5Page - DB Lectro Inc KZ2D220MT Datasheet HTML 6Page - DB Lectro Inc KZ2D220MT Datasheet HTML 7Page - DB Lectro Inc KZ2D220MT Datasheet HTML 8Page - DB Lectro Inc KZ2D220MT Datasheet HTML 9Page - DB Lectro Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
KZ Series
6.3
10
16
WV
F
Case size Impedance
R.C.
Case size Impedance
R.C.
Case size Impedance
R.C.
10
4 x 5.4
1.8
80
15
4 x 5.4
1.8
80
22
4 x 5.4
1.8
80
4 x 5.4
1.8
80
5 x 5.4
(4 x 5.4)
0.76
(1.8)
150
(80)
27
4 x 5.4
1.8
80
5 x 5.4
(4 x 5.4)
0.76
(1.8)
150
(80)
5 x 5.4
0.76
150
33
5 x 5.4
(4 x 5.4)
0.76
(1.8)
150
(80)
5 x 5.4
(4 x 5.4)
0.76
(1.8)
150
(80)
6.3 x 5.4
(5 x 5.4)
0.44
(0.76)
230
(150)
47
5 x 5.4
(4 x 5.4)
0.76
(1.8)
150
(80)
6.3 x 5.4
(5 x 5.4)
0.44
(0.76)
230
(150)
6.3 x 5.4
(5 x 5.4)
0.44
(0.76)
230
(150)
56
5 x 5.4
0.76
150
6.3 x 5.4
0.44
230
6.3 x 5.4
0.44
230
68
6.3 x 5.4
(5 x 5.4)
0.44
(0.76)
230
(150)
6.3 x 5.4
0.44
230
6.3 x 7.7
(6.3 x 5.4)
0.34
(0.44)
280
(230)
100
6.3 x 5.4
(5 x 5.4)
0.44
(0.76)
230
(150)
6.3 x 7.7
(6.3 x 5.4)
0.34
(0.44)
280
(230)
6.3 x 7.7
(6.3 x 5.4)
0.34
(0.44)
280
(230)
150
6.3 x 5.4
0.44
230
6.3 x 7.7
0.34
280
6.3 x 7.7
0.34
280
220
6.3 x 7.7
(6.3 x 5.4)
0.34
(0.44)
280
(230)
6.3 x 7.7
0.34
280
8 x 10.5
(6.3 x 7.7)
0.17
(0.34)
450
(280)
330
6.3 x 7.7
0.34
280
8 x 10.5
0.17
450
10 x 10.5
(8 x 10.5)
0.09
(0.17)
670
(450)
470
8 x 10.5
0.17
450
8 x 10.5
0.17
450
10 x 10.5
(8 x 10.5)
0.09
(0.17)
670
(450)
680
10 x 10.5
(8 x 10.5)
0.09
(0.17)
670
(450)
10 x 10.5
0.09
670
10x 10.5
0.09
670
1000
10 x 10.5
(8 x 10.5)
0.09
(0.17)
670
(450)
10 x 10.5
0.09
670
10 x 10.5
0.09
670
1500
10 x 10.5
0.09
670
25
35
50
WV
F
Case size Impedance
R.C.
Case size Impedance
R.C.
Case size Impedance
R.C.
4.7
4 x 5.4
1.8
80
5 x 5.4
1.52
85
10
4 x 5.4
1.8
80
5 x 5.4
(4 x 5.4)
0.76
(1.8)
150
(80)
6.3 x 5.4
0.88
165
15
5 x 5.4
0.76
150
5 x 5.4
0.76
150
6.3 x 5.4
0.88
165
22
6.3 x 5.4
(5 x 5.4)
0.44
(0.76)
230
(150)
6.3 x 5.4
(5 x 5.4)
0.44
(0.76)
230
(150)
6.3 x 7.7
0.68
185
27
6.3 x 5.4
(5 x 5.4)
0.44
(0.76)
230
(150)
6.3 x 5.4
0.44
230
6.3 x 7.7
0.68
185
33
6.3 x 5.4
(5 x 5.4)
0.44
(0.76)
230
(150)
6.3 x 5.4
0.44
230
6.3 x 7.7
0.68
185
47
6.3 x 7.7
(6.3 x 5.4)
0.34
(0.44)
280
(230)
6.3 x 7.7
(6.3 x 5.4)
0.34
(0.44)
280
(230)
6.3 x 7.7
0.68
185
56
6.3 x 7.7
(6.3 x 5.4)
0.34
(0.44)
280
(230)
6.3 x 7.7
0.34
280
8 x 10.5
0.34
300
68
6.3 x 7.7
0.34
280
6.3 x 7.7
0.34
280
8 x 10.5
0.34
300
100
6.3 x 7.7
0.34
280
8 x 10.5
0.17
450
10 x 10.5
0.18
670
150
8 x 10.5
(6.3 x 7.7)
0.17
(0.34)
450
(280)
10 x 10.5
0.09
670
10 x 10.5
0.18
670
220
8 x 10.5
0.17
450
10 x 10.5
0.09
670
10 x 10.5
0.18
670
330
10 x 10.5
(8 x 10.5)
0.09
(0.17)
670
(450)
10 x 10.5
0.09
670
470
10 x 10.5
0.09
670
maximum impedance ( ) at 20 C 100kHz, ripple current (mA rms) at 105 C 100kHz
Frequency
50Hz
120Hz
300Hz
1KHz
10KHz~
Coefficient
0.35
0.50
0.64
0.83
1.00
Note: All design and specifications are for reference only and is subject to change without prior notice. If any doubt about safety for
your application, please contact us immediately for technical assistance before purchase.
DIMENSIONS & MAXIMUM PERMISSIBLE RIPPLE CURRENT
FREQUENCY COEFFICIENT OF ALLOWABLE RIPPLE CURRENT
Case size
∅D×L (mm),
DB LECTRO Inc. 3755 Place Java, Suite 140, Brossard, Québec, J4Y 0E4, Canada - T: 1-450-444-1424 / F: 1-450-444-4714 / www.dblectro.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com