Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC2716 Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # 2SC2716
Description  Silicon NPN Epitaxial Type (PCT process)
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SC2716 Datasheet(HTML) 2 Page - Toshiba Semiconductor

  2SC2716 Datasheet HTML 1Page - Toshiba Semiconductor 2SC2716 Datasheet HTML 2Page - Toshiba Semiconductor 2SC2716 Datasheet HTML 3Page - Toshiba Semiconductor 2SC2716 Datasheet HTML 4Page - Toshiba Semiconductor 2SC2716 Datasheet HTML 5Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2SC2716
2007-11-01
2
y Parameter (typ.) (common emitter VCE = 6 V, IE = −1 mA, f = 1 MHz)
Characteristics
Symbol
2SC2716-R
2SC2716-O
2SC2716-Y
Unit
Input conductance
gie
0.5
0.35
0.22
mS
Input capacitance
Cie
50
48
46
pF
Output conductance
goe
4
5
6.5
μS
Output capacitance
Coe
3.7
3.4
3.2
pF
Forward transfer admittance
⎪yfe⎪
36
36
36
mS
Phase angle of forward transfer
admittance
θfe
−1.6
−1.6
−1.6
°
Reverse transfer admittance
⎪yre⎪
14
14
14
μS
Phase angle of reverse transfer
admittance
θre
−90
−90
−90
°
Marking



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com