Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC6010 Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # 2SC6010
Description  Silicon NPN Triple Diffused Type
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SC6010 Datasheet(HTML) 3 Page - Toshiba Semiconductor

  2SC6010 Datasheet HTML 1Page - Toshiba Semiconductor 2SC6010 Datasheet HTML 2Page - Toshiba Semiconductor 2SC6010 Datasheet HTML 3Page - Toshiba Semiconductor 2SC6010 Datasheet HTML 4Page - Toshiba Semiconductor 2SC6010 Datasheet HTML 5Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
2SC6010
2006-11-13
3
Collector-emitter voltage VCE (V)
IC – VCE
Collector current IC (A)
hFE – IC
Collector current IC (A)
VCE (sat) – IC
Collector current IC (A)
VBE (sat) – IC
Base-emitter voltage VBE (V)
IC – VBE
2
1
0
0
0.8
0.6
0.2
0.4
0.8
1.2
1.6
0.4
1.0
40
60
100
150
IB = 5 mA
80
20
200
Common emitter
Ta=25℃
Pulse test
1000
1
0.001
Ta = 100°C
−55
25
0.01
0.1
1
100
10
0.001
10
Ta = 100°C
−55
25
0.1
0.01
0.1
1
0.01
Common emitter
β
= 8
Pulse test
10
0.001
Ta = −55°C
25
100
0.1
0.01
0.1
1
1
Common emitter
IC/IB = 8
Pulse test
0.2
1.0
0
1.2
0.4
0.6
0.8
0.2
0.6
0.
Ta = 100°C
−55
25
0
0.4
1.0
Common emitter
VCE = 5 V
Pulse test
Common emitter
VCE = 5 V
Pulse test
0
0
1.6
1.2
0.4
0.8
2.0
2
4
6
8
10
IC – VCE
200
150
100
80
60
40
20
10
IB = 5 mA
Common emitter
Ta=25℃
Pulse test
Collector-emitter voltage VCE (V)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com