Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC6033 Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # 2SC6033
Description  Silicon NPN Epitaxial Type
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SC6033 Datasheet(HTML) 3 Page - Toshiba Semiconductor

  2SC6033 Datasheet HTML 1Page - Toshiba Semiconductor 2SC6033 Datasheet HTML 2Page - Toshiba Semiconductor 2SC6033 Datasheet HTML 3Page - Toshiba Semiconductor 2SC6033 Datasheet HTML 4Page - Toshiba Semiconductor 2SC6033 Datasheet HTML 5Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
2SC6033
2006-11-13
3
Collector-emitter voltage VCE (V)
IC – VCE
Collector current IC (A)
VBE (sat) – IC
Base-emitter voltage VBE (V)
IC – VBE
5
10
0
0
2.5
2.0
0.5
1
2
3
4
1.0
3.0
40
2
10
30
IB = 1 mA
5
20
Common emitter
Ta=25℃
Pulse test
0.001
10
Ta = 100°C
−55
25
1
0.01
0.1
0.01
Common emitter
β
= 30
Pulse test
0.5
2.5
0
1.2
1.0
1.5
2.0
0.2
0.6
0.8
Ta = 100°C
−55
25
0
0.4
1.0
Common emitter
VCE = 2 V
Pulse test
1.5
Collector current IC (A)
hFE – IC
1000
10
0.001
Ta = 100°C
−55
25
0.01
0.1
10
100
1
Collector current IC (A)
VCE (sat) – IC
10
0.001
1
Ta = 100°C
−55
25
0.01
0.1
0.1
0.01
Common emitter
β
= 30
Pulse test
1
1
Common emitter
VCE = 2 V
Pulse test



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com