Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SR2C101KC Datasheet(PDF) 2 Page - DB Lectro Inc

Part # SR2C101KC
Description  ALUMINIUM ELECTROLYTIC CAPACITOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DBLECTRO [DB Lectro Inc]
Direct Link  http://www.dblectro.com
Logo DBLECTRO - DB Lectro Inc

SR2C101KC Datasheet(HTML) 2 Page - DB Lectro Inc

  SR2C101KC Datasheet HTML 1Page - DB Lectro Inc SR2C101KC Datasheet HTML 2Page - DB Lectro Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
DIMENSIONS
D x L (mm)
WV
uF
]
5x11
5x11
5x11
]
5x11
5x11
5x11
]
5x11
5x11
5x11
]
5x11
5x11
5x11
5x11
6.3x11
6.3x11
6.3x11
6.3x11
6.3x11
]
5x11
5x11
5x11
5x11
6.3x11
6.3x11
6.3x11
8x12
8x12
]
5x11
5x11
5x11
6.3x12
6.3x12
6.3x12
8x12
8x12
10x12
]
5x11
5x11
5x11
6.3x12
6.3x12
8x12
10x12
10x12
10x16
]
5x11
5x11
5x11
6.3x12
8x12
8x12
10x15
10x16
10x20
]
5x11
5x11
5x11
5x11
5x11
6.3x11
8x12
10x12
10x15
10x20
10x20
13x25
]
5x11
5x11
5x11
5x11
6.3x11
8x12
10x16
10x16
10x20
13x20
13x25
16x26
]
5x11
5x11
5x11
6.3x11
8x12
8x14
10x20
10x20
13x20
13x25
16x26
16x31
]
5x11
5x11
5x11
6.3x11
6.3x11
8x12
10x16
13x20
13x20
13x25
16x26
16x31
18x35
5x11
5x11
5x11
6.3x11
6.3x12
8x12
8x12
10x12
10x20
16x26
16x26
16x31
18x41
22x32
5x11
6.3x11
6.3x12
8x12
8x12
8x16
10x15
10x16
13x25
16x35
18x35
22x36
6.3x11
6.3x12
8x12
8x14
10x12
10x15
10x16
10x20
16x26
20x35
22x36
6.3x12
8x12
8x12
8x16
10x16
10x20
10x20
13x20
16x31
22x36
22x42
8x14
8x14
10x16
10x20
13x20
13x25
13x25
16x31
20x35
10x16
10x20
13x20
13x25
16x26
16x31
16x35
18x41
25x43
10x20
13x20
13x25
16x26
16x35
18x31
18x35
20x41
13x20
13x25
16x26
16x35
18x35
20x35
22x36
25x43
16x26
16x26
16x31
18x35
22x42
16x26
16x35
31x35
22x42
25x43
PERMISSIBLE RIPPLE CURRENT
mA (rms) at 120Hz 85°C
WV
uF
]
10
10
12
]
10
10
12
]
10
10
12
]
12
12
13
12
13
14
15
15
15
]
18
18
22
17
19
21
22
22
22
]
27
28
34
26
32
35
34
34
35
]
34
36
42
35
37
44
42
45
47
]
43
45
48
42
50
56
50
63
73
]
55
57
61
65
67
80
76
81
90
89
115
110
]
86
90
95
98
112
137
127
143
160
150
170
160
]
105
110
124
127
135
180
170
185
195
190
200
210
]
124
124
128
150
155
185
240
225
235
260
240
260
280
130
150
157
195
200
251
260
290
390
380
390
440
410
480
195
248
255
325
370
390
455
470
690
675
740
810
295
310
370
405
460
480
520
690
850
840
880
320
410
440
510
580
700
710
920
1110
1060
1270
590
610
750
925
1110
1230
1290
1505
1635
846
1070
1360
1500
1540
1780
2000
2210
2450
1100
1440
1590
1670
2155
2260
2307
2660
1390
1735
1915
2225
2405
2730
2800
3010
1890
1990
2335
2590
3100
1970
2350
2620
3280
3860
6800
10000
1000
2200
3300
4700
100
220
330
470
10
22
33
47
1
2.2
3.3
4.7
0.1
0.22
0.33
0.47
250
350
400
450
63
100
160
200
25
35
40
50
10000
6.3
10
16
2200
3300
4700
6800
220
330
470
1000
22
33
47
100
2.2
3.3
4.7
10
0.22
0.33
0.47
1
50
40
35
0.1
16
25
6.3
10
450
400
350
250
200
160
100
63
RoHS Compliant ALUMINIUM ELECTROLYTIC CAPACITOR
SR Series
DB LECTRO Inc. 3755 Place Java, Suite 140, Brossard, Québec, J4Y 0E4, Canada - T: 1-450-444-1424 / F: 1-450-444-4714 / www.dblectro.com



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com