Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SJ200 Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # 2SJ200
Description  High Power Amplifier Application
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SJ200 Datasheet(HTML) 1 Page - Toshiba Semiconductor

  2SJ200 Datasheet HTML 1Page - Toshiba Semiconductor 2SJ200 Datasheet HTML 2Page - Toshiba Semiconductor 2SJ200 Datasheet HTML 3Page - Toshiba Semiconductor 2SJ200 Datasheet HTML 4Page - Toshiba Semiconductor 2SJ200 Datasheet HTML 5Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
2SJ200
2006-11-16
1
TOSHIBA Field Effect Transistor Silicon P Channel MOS Type
2SJ200
High Power Amplifier Application
High breakdown voltage
: VDSS = −180 V
High forward transfer admittance
: |Yfs| = 4.0 S (typ.)
Complementary to 2SK1529
Absolute Maximum Ratings (Ta = 25°C)
Characteristics
Symbol
Rating
Unit
Drain−source voltage
VDSS
−180
V
Gate−source voltage
VGSS
±20
V
Drain current
(Note 1)
ID
−10
A
Drain power dissipation (Tc = 25°C)
PD
120
W
Channel temperature
Tch
150
°C
Storage temperature range
Tstg
−55~150
°C
Note: Using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the significant change in
temperature, etc.) may cause this product to decrease in the reliability significantly even if the operating conditions (i.e.
operating temperature/current/voltage, etc.) are within the absolute maximum ratings. Please design the appropriate
reliability upon reviewing the Toshiba Semiconductor Reliability Handbook (“Handling Precautions”/Derating Concept and
Methods) and individual reliability data (i.e. reliability test report and estimated failure rate, etc).
Unit: mm
1. GATE
2. DRAIN (HEAT SINK)
3. SOURCE
JEDEC
―
JEITA
―
TOSHIBA
2-16C1B
Weight: 4.6 g (typ.)


Similar Part No. - 2SJ200

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SJ200 TOSHIBA-2SJ200 Datasheet
181Kb / 3P
P CHANNEL MOS TYPE (HIGH POWER AMPLIFIER APPLICATION)
2SJ200 TOSHIBA-2SJ200 Datasheet
297Kb / 5P
TOSHIBA Field Effect Transistor Silicon P Channel MOS Type
2SJ200 TOSHIBA-2SJ200 Datasheet
1Mb / 73P
Bipolar Small-Signal Transistors
logo
Inchange Semiconductor ...
2SJ200 ISC-2SJ200 Datasheet
313Kb / 2P
isc P-Channel MOSFET Transistor
logo
Toshiba Semiconductor
2SJ200-Y TOSHIBA-2SJ200-Y Datasheet
297Kb / 5P
TOSHIBA Field Effect Transistor Silicon P Channel MOS Type
More results

Similar Description - 2SJ200

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SK3497 TOSHIBA-2SK3497 Datasheet
149Kb / 3P
High Power Amplifier Application
logo
Unisonic Technologies
2SB688 UTC-2SB688 Datasheet
123Kb / 2P
HIGH POWER AMPLIFIER APPLICATION
2SD718 UTC-2SD718 Datasheet
108Kb / 3P
HIGH POWER AMPLIFIER APPLICATION
logo
Toshiba Semiconductor
2SK1530 TOSHIBA-2SK1530_09 Datasheet
388Kb / 4P
High-Power Amplifier Application
2SK3497 TOSHIBA-2SK3497_09 Datasheet
157Kb / 5P
High Power Amplifier Application
2SJ201-Y TOSHIBA-2SJ201-Y Datasheet
269Kb / 5P
High-Power Amplifier Application
2SK1530O TOSHIBA-2SK1530O Datasheet
372Kb / 4P
High-Power Amplifier Application
2SK1530-Y TOSHIBA-2SK1530-Y Datasheet
372Kb / 4P
High-Power Amplifier Application
2SK1530Y TOSHIBA-2SK1530Y Datasheet
372Kb / 4P
High-Power Amplifier Application
2SK1530-YF TOSHIBA-2SK1530-YF Datasheet
372Kb / 4P
High-Power Amplifier Application
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com