Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC2E221KC Datasheet(PDF) 1 Page - DB Lectro Inc

Part # SC2E221KC
Description  CHIP TYPE, LOW LEAKAGE CURRENT
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DBLECTRO [DB Lectro Inc]
Direct Link  http://www.dblectro.com
Logo DBLECTRO - DB Lectro Inc

SC2E221KC Datasheet(HTML) 1 Page - DB Lectro Inc

  SC2E221KC Datasheet HTML 1Page - DB Lectro Inc SC2E221KC Datasheet HTML 2Page - DB Lectro Inc SC2E221KC Datasheet HTML 3Page - DB Lectro Inc SC2E221KC Datasheet HTML 4Page - DB Lectro Inc SC2E221KC Datasheet HTML 5Page - DB Lectro Inc SC2E221KC Datasheet HTML 6Page - DB Lectro Inc SC2E221KC Datasheet HTML 7Page - DB Lectro Inc SC2E221KC Datasheet HTML 8Page - DB Lectro Inc SC2E221KC Datasheet HTML 9Page - DB Lectro Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
SC Series
CHIP TYPE, LOW LEAKAGE CURRENT
Low leakage current (0.5 A to 2.0 A max.)
Low cost for replacement of many tantalum applications
Comply with the RoHS directive (2002/95/EC)
SPECIFICATIONS
Item
Characteristics
Operation Temperature Range
-40 ~ +85°C
Rated Working Voltage
6.3 ~ 50V
Capacitance Tolerance
±20% at 120Hz, 20°C
I
0.002CV or 0.5 A whichever is greater (after 2 minutes)
Leakage Current
I: Leakage current ( A)
C: Normal Capacitance ( F)
V: Rated Voltage (V)
Measurement frequency: 120Hz, Temperature: 20°C
Rate voltage (V)
6.3
10
16
25
35
50
Surge voltage (V)
8.0
13
20
32
44
63
tan
(max.)
0.24
0.20
0.16
0.14
0.12
0.10
Dissipation Factor
Rated voltage (V)
6.3
10
16
25
35
50
Z(-25°C) / Z(20°C)
4
32222
Impedance ratio
ZT/Z20 (max)
Z(-40°C) / Z(20°C)
8
64433
Low Temperature Characteristics
(Impedance radio at 120Hz)
Capacitance Change
Within 20% of initial value
Dissipation Factor
200% or less of initial specified value
Leakage Current
initial specified value or less
Load Life
(After 2000 hours application of the
rated voltage at 85°C)
After reflow soldering according to Reflow Soldering Condition (see page 8) and restored at
room temperature, they meet the characteristics requirements list as bellow.
Capacitance Change
Within 10% of initial value
Dissipation Factor
initial specified value or less
Leakage Current
initial specified value or less
Resistance to Soldering Heat
Reference Standard
JIS C-5141 and JIS C-5102
DRAWING (Unit: mm)
Negative
0.5~0.8
Plastic platefom
0.3max.
Positive
C
0.2
L
+0.1
-0.2
DIMENSIONS (Unit: mm)
D x L
4 x 5.4
5 x 5.4
6.3 x 5.4
A
1.8
2.1
2.4
B
4.3
5.3
6.6
C
4.3
5.3
6.6
E
1.0
1.3
2.2
L
5.4
5.4
5.4
DB LECTRO Inc. 3755 Place Java, Suite 140, Brossard, Québec, J4Y 0E4, Canada - T: 1-450-444-1424 / F: 1-450-444-4714 / www.dblectro.com


Similar Part No. - SC2E221KC

ManufacturerPart #DatasheetDescription
logo
Socay Electornics Co., ...
SC2E5 SOCAY-SC2E5 Datasheet
1Mb / 4P
2-Electrode Gas Discharge Tube (GDT)
SC2E5 SOCAY-SC2E5 Datasheet
1Mb / 4P
High Voltage 2-Electrode Gas Discharge Tube (GDT)
SC2E5-1000D SOCAY-SC2E5-1000D Datasheet
1Mb / 4P
High Voltage 2-Electrode Gas Discharge Tube (GDT)
SC2E5-1000DL SOCAY-SC2E5-1000DL Datasheet
1Mb / 4P
High Voltage 2-Electrode Gas Discharge Tube (GDT)
SC2E5-150L SOCAY-SC2E5-150L Datasheet
1Mb / 4P
2-Electrode Gas Discharge Tube (GDT)
More results

Similar Description - SC2E221KC

ManufacturerPart #DatasheetDescription
logo
DIOTEC Electronics Corp...
DL4001 DEC-DL4001 Datasheet
947Kb / 2P
Low leakage current
logo
Inchange Semiconductor ...
20N50 ISC-20N50 Datasheet
146Kb / 2P
Low leakage current
logo
Nanjing International G...
BAV170 DGNJDZ-BAV170 Datasheet
869Kb / 1P
Low Leakage Current
logo
American Microsemicondu...
1N34A AMMSEMI-1N34A Datasheet
179Kb / 1P
Low Leakage Current
logo
TE Connectivity Ltd
EBP TEC-EBP Datasheet
177Kb / 3P
Low leakage current
logo
TT Electronics.
QDN006 TTELEC-QDN006 Datasheet
308Kb / 3P
Low leakage current
logo
Vishay Siliconix
VS-ETL1506-M3 VISHAY-VS-ETL1506-M3 Datasheet
218Kb / 9P
Low leakage current
08-Jul-15
VS-ETU1506-M3 VISHAY-VS-ETU1506-M3 Datasheet
183Kb / 8P
Low leakage current
08-Jul-15
logo
STMicroelectronics
STTH2R06-Y STMICROELECTRONICS-STTH2R06-Y Datasheet
232Kb / 8P
Low leakage current
04-Aug-2014
logo
Cornell Dubilier Electr...
HZC CDE-HZC Datasheet
825Kb / 8P
Low Leakage Current
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com