Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC5R5103Z Datasheet(PDF) 1 Page - DB Lectro Inc

Part # SC5R5103Z
Description  High capacitance and low resistance for long cycle life applications
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DBLECTRO [DB Lectro Inc]
Direct Link  http://www.dblectro.com
Logo DBLECTRO - DB Lectro Inc

SC5R5103Z Datasheet(HTML) 1 Page - DB Lectro Inc

  SC5R5103Z Datasheet HTML 1Page - DB Lectro Inc SC5R5103Z Datasheet HTML 2Page - DB Lectro Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
5.5V/3.0F
SC5R5303Z
 Dimensions in mm(not to scale)
 Specifications
Items
Specification
Nominal capacitance
3.0F
Capacitance tolerance
-20%~+80% (at 25℃)
Rated voltage
5.5V
ESR (1kHz)
≤15Ω
Weight
4.8g±0.2g
Dimension (
фDхL mm)
Ф 20.3×6.7
Solder fashion
H type、V type
Operation temperature
-25 - 70℃
Storage temperature
-40 ~ 85℃
High/low
temperature
characteristics
From -25℃ to +70℃
, |ΔC | ≤ 30% and ESR ≤ 4 times of
initially measured values
Moisture proof characteristics
After fully charge, storage 500 hours at 55℃:and
90-
95%RH, |ΔC | ≤ 30% and ESR ≤ 4 times of initially
measured values
Load life test
After 1,000 hours application under 5.5V DC at 70℃
, |ΔC|
≤ 30% of the initial value and ESR ≤4 times of initially
measured values
Cycle life
Charge-discharge for 100,000 cycles at 5.5V and 25℃,
|ΔC| ≤ 30% and ESR ≤4 times of initially measured value
DB LECTRO Inc. 3755 Place Java, Suite 140, Brossard, Québec, J4Y 0E4, Canada - T: 1-450-444-1424 / F: 1-450-444-4714 / www.dblectro.com


Similar Part No. - SC5R5103Z

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
SC5R5103Z DBLECTRO-SC5R5103Z Datasheet
364Kb / 2P
2.7V/1.0F Primary or back-up power supply for video, audio
SC5R5103Z DBLECTRO-SC5R5103Z Datasheet
293Kb / 2P
2.7V/2.0F Primary or back-up power supply for video, audio
SC5R5103Z DBLECTRO-SC5R5103Z Datasheet
322Kb / 2P
Primary or back-up power supply
SC5R5103Z DBLECTRO-SC5R5103Z Datasheet
294Kb / 2P
2.7V/3.0F Primary or back-up power supply
SC5R5103Z DBLECTRO-SC5R5103Z Datasheet
331Kb / 2P
High capacitance and low resistance for long cycle life applications
More results

Similar Description - SC5R5103Z

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
SR2R5504Z DBLECTRO-SR2R5504Z Datasheet
331Kb / 2P
High capacitance and low resistance for long cycle life applications
SR2R5473Z DBLECTRO-SR2R5473Z Datasheet
299Kb / 2P
High capacitance and low resistance for long cycle life applications
SR2R5304Z DBLECTRO-SR2R5304Z Datasheet
306Kb / 2P
High capacitance and low resistance for long cycle life applications
SR2R5204Z DBLECTRO-SR2R5204Z Datasheet
317Kb / 2P
High capacitance and low resistance for long cycle life applications
SR2R5105Z DBLECTRO-SR2R5105Z Datasheet
303Kb / 2P
High capacitance and low resistance for long cycle life applications
SR2R5104Z DBLECTRO-SR2R5104Z Datasheet
297Kb / 2P
High capacitance and low resistance for long cycle life applications
SC5R5802Z DBLECTRO-SC5R5802Z Datasheet
294Kb / 2P
High capacitance and low resistance for long cycle life applications
SC5R5403Z DBLECTRO-SC5R5403Z Datasheet
310Kb / 2P
High capacitance and low resistance for long cycle life applications
SC5R5332Z DBLECTRO-SC5R5332Z Datasheet
319Kb / 2P
High capacitance and low resistance for long cycle life applications
SC5R5103Z DBLECTRO-SC5R5103Z Datasheet
292Kb / 2P
High capacitance and low resistance for long cycle life applications
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com