Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC6076 Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # 2SC6076
Description  Silicon NPN Epitaxial Type (PCT Process)
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SC6076 Datasheet(HTML) 3 Page - Toshiba Semiconductor

  2SC6076 Datasheet HTML 1Page - Toshiba Semiconductor 2SC6076 Datasheet HTML 2Page - Toshiba Semiconductor 2SC6076 Datasheet HTML 3Page - Toshiba Semiconductor 2SC6076 Datasheet HTML 4Page - Toshiba Semiconductor 2SC6076 Datasheet HTML 5Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
2SC6076
2006-11-16
3
VCE = 2V
10
5
Tc
= 100°C
−55
25
Tc
= 100°C
−55
25
0
0.4
0.8
1.2
1.6
0
1
2
3
Tc
= 100℃
25
− 55
Collector-emitter voltage VCE (V)
IC – VCE
Base-emitter voltage VBE (V)
IC – VBE
Collector current IC (A)
hFE – IC
Collector current IC (A)
VCE (sat) – IC
Collector current IC (A)
fT – IC
Collector current IC (A)
VBE (sat) – IC
10000
1
0.001
10
100
1000
0.01
0.1
1
10
Common emitter
VCE = 2 V
Pulse test
0.001
0.01
0.1
10
1000
10
100
1
1
Common emitter
Tc
= 25°C
Pulse test
0.001
0.01
0.1
1
10
10
1
0.1
Common emitter
IC/IB
= 10
Pulse test
IB = 1 mA
200
100
20
5
0
1
2
3
4
5
0
Common emitter
Tc
= 25°C
Pulse test
1
2
3
4
2
10
1
0.1
0.01
Common emitter
VCE = 2 V
Pulse test
Common emitter
IC/IB
= 10
Pulse test
60
300
Tc
= −55°C
100
25
0.001
0.01
0.1
1
10
0.001



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com