Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC6077 Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # 2SC6077
Description  Silicon NPN Epitaxial Type (PCT Process)
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SC6077 Datasheet(HTML) 1 Page - Toshiba Semiconductor

  2SC6077 Datasheet HTML 1Page - Toshiba Semiconductor 2SC6077 Datasheet HTML 2Page - Toshiba Semiconductor 2SC6077 Datasheet HTML 3Page - Toshiba Semiconductor 2SC6077 Datasheet HTML 4Page - Toshiba Semiconductor 2SC6077 Datasheet HTML 5Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
2SC6077
2006-10-20
1
TOSHIBA Transistor Silicon NPN Epitaxial Type (PCT Process)
2SC6077
○
Power Amplifier Applications
○
Power Switching Applications
• Low collector saturation voltage: VCE (sat) = 0.5 V (max)(IC = 1A)
• High-speed switching: tstg = 0.4 μs (typ)
Absolute Maximum Ratings (Ta = 25°C)
Characteristic
Symbol
Rating
Unit
Collector-base voltage
VCBO
160
V
VCEX
160
V
Collector-emitter voltage
VCEO
80
V
Emitter-base voltage
VEBO
9
V
DC
IC
3.0
A
Collector current
Pulse
ICP
5.0
A
Base current
IB
1.0
A
Collector power dissipation
PC
1.8
W
Junction temperature
Tj
150
°C
Storage temperature range
Tstg
−55~150
°C
Electrical Characteristics (Ta = 25°C)
Characteristic
Symbol
Test Conditions
Min
Typ.
Max
Unit
Collector cut-off current
ICBO
VCB = 160 V, IE = 0
-
-
1.0
uA
Emitter cut-off current
IEBO
VEB = 9 V, IC = 0
-
-
1.0
uA
Collector-emitter breakdown voltage
V (BR) CEO
IC = 10 mA, IB = 0
80
-
-
V
hFE (1)
VCE = 2 V, IC = 1 mA
150
-
-
hFE (2)
VCE = 2 V, IC = 0.5 A
180
-
450
DC current gain
hFE (3)
VCE = 2 V, IC = 1 A
100
-
-
VCE (sat) (1) IC = 0.5 A, IB = 50 mA
-
-
0.3
V
Collector emitter saturation voltage
VCE (sat) (2) IC = 1 A, IB = 100 mA
-
-
0.5
V
Base-emitter saturation voltage
VBE (sat)
IC = 1 A, IB = 100 mA
-
-
1.5
V
Transition frequency
fT
VCE = 2 V, IC = 0.5 A
-
150
-
MHZ
Collector output capacitance
Cob
VCB = 10 V, IE = 0,f = 1MHZ
-
14
-
pF
Rise time
tr
-
0.05
-
Storage time
tstg
-
0.4
-
Switching time
Fall time
tf
IB1 = −IB2 = 100 mA
Duty cycle ≦1%
-
0.15
-
us
Unit: mm
JEDEC
-
JEITA
-
TOSHIBA
2-10T1A
Weight:1.5g(typ)
1 : BASE
2 : COLLECTOR(HEAT SINK)
3 : EMITTER
20 μs
VCC = 24 V
Output
IB2
IB1
Input


Similar Part No. - 2SC6077

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SC6077 TOSHIBA-2SC6077 Datasheet
1Mb / 73P
Bipolar Small-Signal Transistors
More results

Similar Description - 2SC6077

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
RN4985 TOSHIBA-RN4985 Datasheet
152Kb / 6P
Silicon NPN Epitaxial Type (PCT Process) Silicon PNP Epitaxial Type (PCT Process)
RN4986 TOSHIBA-RN4986 Datasheet
150Kb / 6P
Silicon NPN Epitaxial Type (PCT Process) Silicon PNP Epitaxial Type (PCT Process)
RN4987 TOSHIBA-RN4987 Datasheet
153Kb / 6P
Silicon NPN Epitaxial Type (PCT Process) Silicon PNP Epitaxial Type (PCT Process)
RN4606 TOSHIBA-RN4606 Datasheet
159Kb / 4P
Silicon PNP Epitaxial Type (PCT Process) Silicon NPN Epitaxial Type (PCT Process)
RN4908 TOSHIBA-RN4908 Datasheet
155Kb / 5P
Silicon PNP Epitaxial Type (PCT Process) Silicon NPN Epitaxial Type (PCT Process)
RN4909 TOSHIBA-RN4909 Datasheet
155Kb / 5P
Silicon PNP Epitaxial Type (PCT Process) Silicon NPN Epitaxial Type (PCT Process)
RN4988 TOSHIBA-RN4988 Datasheet
217Kb / 6P
Silicon NPN Epitaxial Type (PCT Process) Silicon PNP Epitaxial Type (PCT Process)
RN4989 TOSHIBA-RN4989 Datasheet
216Kb / 6P
Silicon NPN Epitaxial Type (PCT Process) Silicon PNP Epitaxial Type (PCT Process)
RN4604 TOSHIBA-RN4604_07 Datasheet
251Kb / 5P
Silicon PNP Epitaxial Type (PCT Process) Silicon NPN Epitaxial Type (PCT Process)
RN4606 TOSHIBA-RN4606_07 Datasheet
250Kb / 5P
Silicon PNP Epitaxial Type (PCT Process) Silicon NPN Epitaxial Type (PCT Process)
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com