Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC6079 Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # 2SC6079
Description  Silicon NPN Epitaxial Type
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SC6079 Datasheet(HTML) 1 Page - Toshiba Semiconductor

  2SC6079 Datasheet HTML 1Page - Toshiba Semiconductor 2SC6079 Datasheet HTML 2Page - Toshiba Semiconductor 2SC6079 Datasheet HTML 3Page - Toshiba Semiconductor 2SC6079 Datasheet HTML 4Page - Toshiba Semiconductor 2SC6079 Datasheet HTML 5Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
2SC6079
2007-06-07
1
TOSHIBA Transistor Silicon NPN Epitaxial Type
2SC6079
Power Amplifier Applications
Power Switching Applications
Low collector saturation voltage: VCE (sat) = 0.5 V (max)(IC = 1A)
High-speed switching: tstg = 0.4 μs (typ)
Absolute Maximum Ratings (Ta = 25°C)
Characteristic
Symbol
Rating
Unit
Collector-base voltage
VCBO
160
V
Collector-emitter voltage
VCEX
160
V
Collector-emitter voltage
VCEO
80
V
Emitter-base voltage
VEBO
9
V
DC
IC
2.0
A
Collector current
Pulse
ICP
4.0
A
Base current
IB
1.5
A
Collector power dissipation
PC
1
W
Junction temperature
Tj
150
°C
Storage temperature range
Tstg
−55~150
°C
Note: Using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the
significant change in temperature, etc.) may cause this product to decrease in the reliability significantly even
if the operating conditions (i.e. operating temperature/current/voltage, etc.) are within the absolute maximum
ratings.
Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook
(“Handling Precautions”/Derating Concept and Methods) and individual reliability data (i.e. reliability test report
and estimated failure rate, etc).
Unit: mm
JEDEC
―
JEITA
―
TOSHIBA
2-7D101A
Weight:0.2g(typ)
1 : BASE
2 : COLLECTOR
3 : EMITTER


Similar Part No. - 2SC6079

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SC6079 TOSHIBA-2SC6079 Datasheet
1Mb / 73P
Bipolar Small-Signal Transistors
More results

Similar Description - 2SC6079

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
2SC3313 PANASONIC-2SC3313 Datasheet
37Kb / 2P
Silicon NPN epitaxial planer type(Silicon NPN epitaxial planer type)
2SD2184 PANASONIC-2SD2184 Datasheet
38Kb / 2P
Silicon NPN epitaxial planer type(Silicon NPN epitaxial planer type)
logo
Toshiba Semiconductor
TPC6501 TOSHIBA-TPC6501 Datasheet
175Kb / 5P
Silicon NPN Epitaxial Type
2SC3298 TOSHIBA-2SC3298 Datasheet
109Kb / 2P
SILICON NPN EPITAXIAL TYPE
2SC5714 TOSHIBA-2SC5714_06 Datasheet
139Kb / 5P
Silicon NPN Epitaxial Type
2SC6033 TOSHIBA-2SC6033_06 Datasheet
212Kb / 5P
Silicon NPN Epitaxial Type
2SC6061 TOSHIBA-2SC6061 Datasheet
205Kb / 5P
Silicon NPN Epitaxial Type
2SC6075 TOSHIBA-2SC6075 Datasheet
168Kb / 5P
Silicon NPN Epitaxial Type
logo
Guangdong Kexin Industr...
2SC2713 KEXIN-2SC2713 Datasheet
36Kb / 1P
Silicon NPN Epitaxial Type
logo
Isahaya Electronics Cor...
INC5003AH1 ISAHAYA-INC5003AH1 Datasheet
141Kb / 4P
SILICON NPN EPITAXIAL TYPE
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com