Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC6087 Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # 2SC6087
Description  Silicon NPN Epitaxial Type
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SC6087 Datasheet(HTML) 2 Page - Toshiba Semiconductor

  2SC6087 Datasheet HTML 1Page - Toshiba Semiconductor 2SC6087 Datasheet HTML 2Page - Toshiba Semiconductor 2SC6087 Datasheet HTML 3Page - Toshiba Semiconductor 2SC6087 Datasheet HTML 4Page - Toshiba Semiconductor 2SC6087 Datasheet HTML 5Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2SC6087
2007-06-07
2
Electrical Characteristics (Ta = 25°C)
Characteristic
Symbol
Test Conditions
Min
Typ.
Max
Unit
Collector cut-off current
ICBO
VCB = 160 V, IE = 0
―
―
1
μA
Emitter cut-off current
IEBO
VEB = 7 V, IC = 0
―
―
1
μA
Collector-emitter breakdown voltage
V (BR) CEO
IC = 10 mA, IB = 0
80
―
―
V
hFE (1)
VCE = 2 V, IC = 1 mA
80
―
200
hFE (2)
VCE = 2 V, IC = 0.5 A
100
―
―
DC current gain
hFE (3)
VCE = 2 V, IC = 1 A
60
―
―
VCE (sat) (1) IC = 0.5 A, IB = 50 mA
―
―
0.3
V
Collector emitter saturation voltage
VCE (sat) (2) IC = 1 A, IB = 100 mA
―
―
0.5
V
Base-emitter saturation voltage
VBE (sat)
IC = 1 A, IB = 100 mA
―
―
1.5
V
Transition frequency
fT
VCE = 2 V, IC = 0.5 A
―
150
―
MHZ
Collector output capacitance
Cob
VCB = 10 V, IE = 0,f = 1MHZ
―
14
―
pF
Rise time
tr
―
0.05
―
Storage time
tstg
―
0.4
―
Switching time
Fall time
tf
IB1 = −IB2 = 100 mA
Duty cycle ≤ 1%
―
0.15
―
μs
Marking
20 μs
VCC = 24 V
Output
IB2
IB1
Input
Lot code
A line indicates
lead (Pb)-free
package or
lead (Pb)-free finish.
Part No. (or abbreviation code)
C6087



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com