Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS2D221MC Datasheet(PDF) 1 Page - DB Lectro Inc

Part # CS2D221MC
Description  CHIP TYPE, STANDARD
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DBLECTRO [DB Lectro Inc]
Direct Link  http://www.dblectro.com
Logo DBLECTRO - DB Lectro Inc

CS2D221MC Datasheet(HTML) 1 Page - DB Lectro Inc

  CS2D221MC Datasheet HTML 1Page - DB Lectro Inc CS2D221MC Datasheet HTML 2Page - DB Lectro Inc CS2D221MC Datasheet HTML 3Page - DB Lectro Inc CS2D221MC Datasheet HTML 4Page - DB Lectro Inc CS2D221MC Datasheet HTML 5Page - DB Lectro Inc CS2D221MC Datasheet HTML 6Page - DB Lectro Inc CS2D221MC Datasheet HTML 7Page - DB Lectro Inc CS2D221MC Datasheet HTML 8Page - DB Lectro Inc CS2D221MC Datasheet HTML 9Page - DB Lectro Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
CS Series
CHIP TYPE,
STANDARD
Operating with general temperature range -40 ~ +85°C
Load life of 2000 hours
SPECIFICATIONS
Items
Characteristics
Operation Temperature Range
-40 ~ +85°C
Rated Working Voltage
4 ~ 100V
Capacitance Tolerance
±20% at 120Hz, 20°C
I 0.01CV or 3 A whichever is greater (after 2 minutes)
Leakage Current
I: Leakage current ( A)
C: Normal capacitance ( F)
V: Rated voltage (V)
Measurement frequency: 120Hz, Temperature: 20°C
WV
4
6.3
10
16
25
35
50
63
100
tan
0.50
0.30
0.24
0.20
0.16
0.14
0.14
0.12
0.12
Dissipation Factor max.
Rated voltage (V)
4
6.3
10
16
25
35
50
63
100
Z(-25°C) / Z(20°C)
7
432
222
22
Impedance ratio
ZT/Z20 (max.)
Z(-40°C) / Z(20°C)
15
10
86
433
3
3
Capacitance Change
Within 20% of initial value
(Within 25% of initial value for 4 V)
Dissipation Factor
200% or less of initial specified value
Leakage Current
Initial specified value or less
Shelf Life (at 85°C)
After leaving capacitors under no load at 85°C for 1000 hours, they meet the specified value
for load life characteristics listed above.
Capacitance Change
Within 10% of initial value
Dissipation Factor
Initial specified value or less
Leakage Current
Initial specified value or less
Resistance to Soldering Heat
Reference Standard
JIS C-5141 and JIS C-5102
Negative
0.5~0.8
Plastic plateform
0.3max.
Positive
C 0.2
L
+0.2
-0.1
*L 0.3 (Applicable to 6.3 x 7.7)
Negative
0.8 ~ 1.1
Plastic platform
0.3max.
Positive
C 0.2
L 0.5
DRAWING (Unit: mm)
DIMENSIONS (Unit: mm)
D x L
4 x 5.4
5 x 5.4
6.3 x 5.4
6.3 x 7.7
8 x 10.5
10 x 10.5
A
1.8
2.1
2.4
2.4
2.9
3.2
B
4.3
5.3
6.6
6.6
8.3
10.3
C
4.3
5.3
6.6
6.6
8.3
10.3
E
1.0
1.3
2.2
2.2
3.1
4.5
L
5.4
5.4
5.4
7.7
10.5
10.5
(
4 ∼ 6.3)
(
8, 10)
Load Life
(After 2000 hours application of the
rated voltage at 85°C, capacitors
meet the characteristics
requirements listed.)
Low Temperature Characteristics
(Measurement frequency: 120Hz)
*Voltage mark for 6.3V is [6V]
Comply with the RoHS directive (2002/95/EC)
After reflow soldering according to Reflow Soldering Condition (see page 8) and restored at
room temperature,
they meet the characteristics requirements listed as below.
DB LECTRO Inc. 3755 Place Java, Suite 140, Brossard, Québec, J4Y 0E4, Canada - T: 1-450-444-1424 / F: 1-450-444-4714 / www.dblectro.com
DB LECTRO Inc. 3755 Place Java, Suite 140, Brossard, Québec, J4Y 0E4, Canada - T: 1-450-444-1424 / F: 1-450-444-4714 / www.dblectro.com


Similar Part No. - CS2D221MC

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
CS2D VISHAY-CS2D Datasheet
92Kb / 5P
Surface Mount Glass Passivated Rectifier
25-Jul-16
CS2D VISHAY-CS2D Datasheet
99Kb / 4P
Surface Mount Glass Passivated Rectifier
01-Mar-2021
CS2D VISHAY-CS2D_V01 Datasheet
99Kb / 4P
Surface Mount Glass Passivated Rectifier
01-Mar-2021
More results

Similar Description - CS2D221MC

ManufacturerPart #DatasheetDescription
logo
Rohm
SML-010 ROHM-SML-010 Datasheet
363Kb / 3P
Standard Type Chip LEDs with reflector
SML-210 ROHM-SML-210 Datasheet
653Kb / 3P
Standard Type Mini-molded chip LEDs
SML-810 ROHM-SML-810 Datasheet
163Kb / 3P
Standard Type Back-fire chip LEDs
SML-410 ROHM-SML-410 Datasheet
143Kb / 3P
Standard Type Mini-molded chip LEDs
SML-A10 ROHM-SML-A10 Datasheet
314Kb / 3P
Standard Type Side view chip LEDs
SML-310LTT86 ROHM-SML-310LTT86 Datasheet
424Kb / 3P
Standard Type Mini-molded chip LEDs
SML-310VTT86 ROHM-SML-310VTT86 Datasheet
424Kb / 3P
Standard Type Mini-molded chip LEDs
SML-310DTT86 ROHM-SML-310DTT86 Datasheet
424Kb / 3P
Standard Type Mini-molded chip LEDs
SML-010YTT86 ROHM-SML-010YTT86 Datasheet
367Kb / 4P
Standard Type Chip LEDs with reflector
logo
Nichicon corporation
PCF NICHICON-PCF Datasheet
1Mb / 3P
Chip Type, Standard
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com