Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KL2D220LS Datasheet(PDF) 1 Page - DB Lectro Inc

Part # KL2D220LS
Description  CHIP TYPE, 5000 HOURS LOAD LIFE
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DBLECTRO [DB Lectro Inc]
Direct Link  http://www.dblectro.com
Logo DBLECTRO - DB Lectro Inc

KL2D220LS Datasheet(HTML) 1 Page - DB Lectro Inc

  KL2D220LS Datasheet HTML 1Page - DB Lectro Inc KL2D220LS Datasheet HTML 2Page - DB Lectro Inc KL2D220LS Datasheet HTML 3Page - DB Lectro Inc KL2D220LS Datasheet HTML 4Page - DB Lectro Inc KL2D220LS Datasheet HTML 5Page - DB Lectro Inc KL2D220LS Datasheet HTML 6Page - DB Lectro Inc KL2D220LS Datasheet HTML 7Page - DB Lectro Inc KL2D220LS Datasheet HTML 8Page - DB Lectro Inc KL2D220LS Datasheet HTML 9Page - DB Lectro Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
KL Series
CHIP TYPE,
5000 HOURS LOAD LIFE
T
emperature range up to +105 C
SPECIFICATIONS
Item
Characteristics
Operation Temperature Range
-40 ~ +105°C
Rated Working Voltage
6.3
~ 100V
Capacitance Tolerance
±20% at 120Hz, 20°C
I 0.01CV or 3 A whichever is greater (after 2 minutes)
Leakage Current
I: Leakage current ( A)
C: Normal capacitance ( F)
V: Rated voltage (V)
Dissipation Factor max.
Rated voltage (V)
4
6.3
10
16
25
35
50
Z(-25°C) / Z(20°C)
8432
22
2
Impedance ratio
ZT/Z20 (max.)
Z(-40°C) / Z(20°C)
14
10
7
5
3
3
3
Low Temperature Characteristics
(Measurement frequency: 120Hz)
Capacitance Change
Within 30% of initial value
Dissipation Factor
300% or less of initial specified value
Leakage Current
Initial specified value or less
Load Life
(After 1000 hours application of the
rated voltage at 105°C, capacitors
meet the characteristics
requirements listed.)
Shelf Life (at 105°C)
After leaving capacitors under no load at 105°C for 5000 hours, they meet the specified value
for load life characteristics listed above.
Capacitance Change
Within 10% of initial value
Dissipation Factor
Initial specified value or less
Leakage Current
Initial specified value or less
Resistance to Soldering Heat
Reference Standard
JIS C-5141 and JIS C-5102
DRAWING (Unit: mm)
DIMENSIONS (Unit: mm)
D x L
4 x 5.8
5 x 5.8
6.3 x 5.8
6.3 x 7.7
8 x 10.5
10 x 10.5
A
1.8
2.1
2.4
2.4
2.9
3.2
B
4.3
5.3
6.6
6.6
8.3
10.3
C
4.3
5.3
6.6
6.6
8.3
10.3
E
1.0
1.3
2.2
2.2
3.1
4.5
L
5.8
5.8
5.8
7.7
10.5
10.5
Negative
0.5~0.8
Plastic plateform
0.3max.
Positive
C 0.2
Negative
0.8 ~ 1.1
Plastic platform
0.3max.
Positive
C 0.2
L 0.5
(
4 ∼ 6.3)
(
8, 10)
*Voltage mark for 6.3V is [6V]
L 0.3
Load life of 3000~5000 hours
Measurement frequency: 120Hz, Temperature: 20°C
WV
6.3
1016
25355063
100
tan
0.28
0.24
0.20
0.16
0.13
0.12
0.18
0.18
Comply with the RoHS directive (2002/95/EC)
After reflow soldering according to Reflow Soldering Condition (see page 8) and restored at
room temperature,
they meet the characteristics requirements listed as below.
DB LECTRO Inc. 3755 Place Java, Suite 140, Brossard, Québec, J4Y 0E4, Canada - T: 1-450-444-1424 / F: 1-450-444-4714 / www.dblectro.com


Similar Part No. - KL2D220LS

ManufacturerPart #DatasheetDescription
logo
Rohm
KL2000-E0KN60A ROHM-KL2000-E0KN60A Datasheet
303Kb / 2P
For Label writers series
2021.12 - Rev.002
KL20000KN60A ROHM-KL20000KN60A Datasheet
80Kb / 2P
For Label wr i ters ser ies
logo
Multicomp Pro
KL20BK MULTICOMP-KL20BK Datasheet
192Kb / 2P
Flexible Slit Cable Wrap and Installation Tool
01/09/22 V1.0
logo
Adafruit Industries
KL23H251-28-4AP ADAFRUIT-KL23H251-28-4AP Datasheet
82Kb / 1P
STEPPING MOTOR
logo
Freescale Semiconductor...
KL24 FREESCALE-KL24 Datasheet
296Kb / 21P
KL24/KL25 Product Brief
More results

Similar Description - KL2D220LS

ManufacturerPart #DatasheetDescription
logo
jb Capacitors Company
JCL JBCAPACITORS-JCL Datasheet
295Kb / 3P
Load life of 3000~5000 hours
logo
Illinois Capacitor, Inc...
105SVL050MCW ILLINOISCAPACITOR-105SVL050MCW_16 Datasheet
204Kb / 2P
Long Life, up to 5000 hours
logo
United Chemi-Con, Inc.
EMVL6R3ADA CHEMI-CON-EMVL6R3ADA Datasheet
361Kb / 2P
3000 to 5000-hours-life, 105?
EMVL160ADA CHEMI-CON-EMVL160ADA Datasheet
361Kb / 2P
3000 to 5000-hours-life, 105?
EMVL250ADA CHEMI-CON-EMVL250ADA Datasheet
361Kb / 2P
3000 to 5000-hours-life, 105?
EMVL350ADA CHEMI-CON-EMVL350ADA Datasheet
361Kb / 2P
3000 to 5000-hours-life, 105?
EMZK6R3ADA CHEMI-CON-EMZK6R3ADA Datasheet
368Kb / 2P
Low impedance, 5000-hours-life, 105?
EMZK100ADA CHEMI-CON-EMZK100ADA Datasheet
368Kb / 2P
Low impedance, 5000-hours-life, 105?
EMZK160ADA CHEMI-CON-EMZK160ADA Datasheet
368Kb / 2P
Low impedance, 5000-hours-life, 105?
EMZK350ADA CHEMI-CON-EMZK350ADA Datasheet
368Kb / 2P
Low impedance, 5000-hours-life, 105?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com