Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KZ2D220LS Datasheet(PDF) 1 Page - DB Lectro Inc

Part # KZ2D220LS
Description  CHIP TYPE, EXTRA LOW IMPEDANCE
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DBLECTRO [DB Lectro Inc]
Direct Link  http://www.dblectro.com
Logo DBLECTRO - DB Lectro Inc

KZ2D220LS Datasheet(HTML) 1 Page - DB Lectro Inc

  KZ2D220LS Datasheet HTML 1Page - DB Lectro Inc KZ2D220LS Datasheet HTML 2Page - DB Lectro Inc KZ2D220LS Datasheet HTML 3Page - DB Lectro Inc KZ2D220LS Datasheet HTML 4Page - DB Lectro Inc KZ2D220LS Datasheet HTML 5Page - DB Lectro Inc KZ2D220LS Datasheet HTML 6Page - DB Lectro Inc KZ2D220LS Datasheet HTML 7Page - DB Lectro Inc KZ2D220LS Datasheet HTML 8Page - DB Lectro Inc KZ2D220LS Datasheet HTML 9Page - DB Lectro Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
KZ Series
SPECIFICATIONS
Characteristics
Operation Temperature Range
-55 ~ +105°C
Rated Working Voltage
6.3 ~ 50V
Capacitance Tolerance
±20% at 120Hz, 20°C
I 0.01CV or 3 A whichever is greater (after 2 minutes)
Leakage Current
I: Leakage current ( A)
C: Normal capacitance ( F)
V: Rated voltage (V)
Measurement frequency: 120Hz, Temperature: 20°C
WV
6.3
10162535
50
tan
0.22
0.20
0.16
0.14
0.12
0.12
Dissipation Factor max.
Rated voltage (V)
6.3
10
16
25
35
50
Z(-25°C) / Z(20°C)
3
22222
Impedance ratio
ZT/Z20 (max.)
Z(-40°C) / Z(20°C)
5
44333
Capacitance Change
Within 25% of initial value
Dissipation Factor
200% or less of initial specified value
Leakage Current
Initial specified value or less
Shelf Life (at 105°C)
After leaving capacitors under no load at 105°C for 1000 hours, they meet the specified value
for load life characteristics listed above.
Capacitance Change
Within 10% of initial value
Dissipation Factor
Initial specified value or less
Leakage Current
Initial specified value or less
Resistance to Soldering Heat
Reference Standard
JIS C-5141 and JIS C-5102
Negative
0.5~0.8
0.3max.
Positive
C 0.2
L
+0.1
-0.2
*L 0.3 (Applicable to 6.3 x 7.7)
DRAWING (Unit: mm)
DIMENSIONS (Unit: mm)
D x L
4 x 5.4
5 x 5.4
6.3 x 5.4
6.3 x 7.7
8 x 10.5
10 x 10.5
A
1.8
2.1
2.4
2.4
2.9
3.2
B
4.3
5.3
6.6
6.6
8.3
10.3
C
4.3
5.3
6.6
6.6
8.3
10.3
E
1.0
1.3
2.2
2.2
3.1
4.5
L
5.4
5.4
5.4
7.7
10.5
10.5
(
4 ∼ 6.3)
Plastic platform
Negative
0.8 ~ 1.1
Plastic platform
0.3max.
Positive
C 0.2
L 0.5
(
8, 10)
Low Temperature Characteristics
(Measurement frequency: 120Hz)
*Voltage mark for 6.3V is [6V]
CHIP TYPE,
EXTRA LOW IMPEDANCE
Extra low impedance, temperature range up to +105 C
Impedance 40 ~ 60% less than LZ series
Items
Load Life
(After 2000 hours (1000 hours for 4,
5, 6.3x5.4) application of the rated
voltage at 105°C, capacitors meet the
characteristics requirements listed.)
Comply with the RoHS directive (2002/95/EC)
After reflow soldering according to Reflow Soldering Condition (see page 8) and restored at
room temperature,
they meet the characteristics requirements listed as below.
DB LECTRO Inc. 3755 Place Java, Suite 140, Brossard, Québec, J4Y 0E4, Canada - T: 1-450-444-1424 / F: 1-450-444-4714 / www.dblectro.com


Similar Part No. - KZ2D220LS

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
KZ27 SCHNEIDER-KZ27 Datasheet
78Kb / 2P
handle 34 mm old shape - black - set of 5
Feb 10, 2022
More results

Similar Description - KZ2D220LS

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
MT4532-250Y BOURNS-MT4532-250Y Datasheet
661Kb / 5P
Low Impedance Chip Ferrite Beads
logo
DB Lectro Inc
LZ1H010KC DBLECTRO-LZ1H010KC Datasheet
508Kb / 13P
CHIP TYPE, LOW IMPEDANCE
FZ1A100KC DBLECTRO-FZ1A100KC Datasheet
567Kb / 13P
CHIP TYPE, LONG LIFE WITH EXTRA LOWER IMPEDANCE
logo
SAMWHA ELECTRIC
CK1V227M08010VR200 SAMWHA-CK1V227M08010VR200 Datasheet
286Kb / 2P
Chip type, Low Impedance, High CV Series
logo
Nichicon corporation
UUD1H101MNL1GS NICHICON-UUD1H101MNL1GS Datasheet
56Kb / 2P
Chip Type, Low Impedance
logo
RHOPOINT COMPONENTS
PCH163250T RHOPOINT-PCH163250T Datasheet
69Kb / 1P
CHIP TYPE IMPEDANCE CONVERTER
logo
Nichicon corporation
UCV NICHICON-UCV_18 Datasheet
630Kb / 2P
Chip Type, Low Impedance.
UCV NICHICON-UCV_17 Datasheet
629Kb / 2P
Chip Type, Low Impedance.
UCM NICHICON-UCM Datasheet
965Kb / 2P
Chip Type, Low Impedance
UUD0J331MCL1GS NICHICON-UUD0J331MCL1GS Datasheet
452Kb / 3P
Chip Type, Low Impedance
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com