Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP88CS38BFG Datasheet(PDF) 29 Page - Toshiba Semiconductor

Part # TMP88CS38BFG
Description  CMOS 8-Bit Microcontroller
PDF  218 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP88CS38BFG Datasheet(HTML) 29 Page - Toshiba Semiconductor

Back Button TMP88CS38BFG Datasheet HTML 25Page - Toshiba Semiconductor TMP88CS38BFG Datasheet HTML 26Page - Toshiba Semiconductor TMP88CS38BFG Datasheet HTML 27Page - Toshiba Semiconductor TMP88CS38BFG Datasheet HTML 28Page - Toshiba Semiconductor TMP88CS38BFG Datasheet HTML 29Page - Toshiba Semiconductor TMP88CS38BFG Datasheet HTML 30Page - Toshiba Semiconductor TMP88CS38BFG Datasheet HTML 31Page - Toshiba Semiconductor TMP88CS38BFG Datasheet HTML 32Page - Toshiba Semiconductor TMP88CS38BFG Datasheet HTML 33Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 218 page
background image
TMP88CS38B/CM38B/CP38B
2007-09-12
88CS38B-29
3. General-purpose registers save/restore using push and pop instructions
To save only a specific register, and when the same interrupt source occurs more
than once, the general-purpose registers can be saved/restored using the push/pop
instructions.
Example: Register save/restore using push and pop instructions
PINTxx:
PUSH
WA
;
Save WA register pair
Interrupt processing
POP
WA
;
Restore WA register pair
RETI
;
Return
Address (Example)
SP
0023AH
A
0023B
SP
W
SP
0023C
PCL
PCL
PCL
0023D
PCH
PCH
PCH
0023E
PCE
PCE
PCE
0023F
PSWL
PSWL
PSWL
00240
PSWH
PSWH
PSWH
SP
00241
At acceptance
of an interrupt
At execution
of a push
instruction
At execution
of a pop
instruction
At execution of an
interrupt return
instruction
4. General-purpose registers save/restore using data transfer instructions
Data transfer instruction can be used to save only a specific general-purpose
register during processing of single interrupt.
Example: Saving/restoring a register using data transfer instructions
PINTxx:
LD
(GSAVA), A
;
Save A register
Interrupt processing
LD
A, (GSAVA)
;
Restore A register
RETI
;
Return



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com