Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP88CP38F Datasheet(PDF) 21 Page - Toshiba Semiconductor

Part # TMP88CP38F
Description  8-bit single chip microcomputer
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP88CP38F Datasheet(HTML) 21 Page - Toshiba Semiconductor

Back Button TMP88CP38F Datasheet HTML 17Page - Toshiba Semiconductor TMP88CP38F Datasheet HTML 18Page - Toshiba Semiconductor TMP88CP38F Datasheet HTML 19Page - Toshiba Semiconductor TMP88CP38F Datasheet HTML 20Page - Toshiba Semiconductor TMP88CP38F Datasheet HTML 21Page - Toshiba Semiconductor TMP88CP38F Datasheet HTML 22Page - Toshiba Semiconductor TMP88CP38F Datasheet HTML 23Page - Toshiba Semiconductor TMP88CP38F Datasheet HTML 24Page - Toshiba Semiconductor TMP88CP38F Datasheet HTML 25Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 226 page
background image
TMP88CS38/CM38A/CP38A
2007-09-12
88CS38-21
1.5
Interrupt Controller
The TMP88CS38/CM38A/CP38A has a total of 17 interrupt sources; 6 externals and 11
internals. Multiple interrupts with priorities are also possible. Two of the internal sources are
pseudo non-maskable interrupts; the remainder are all maskable interrupts.
Table 1.5.1 Interrupt Sources
Interrupt Source
Enable Condition
Interrupt
Latch
Vector Table
Address
Priority
Internal/E
xternal
(Reset)
Non maskable
−
FFFFCH
High 0
Internal
INTSW
(Software interrupt)
−
FFFF8H
1
Internal
INTWDT
(Watchdog timer interrupt)
Pseudo non maskable
IL2
FFFF4H
2
External
INT0
(External interrupt 0)
IMF ·EF3 = 1, INT0EN = 1IL3
FFFF0H
3
Internal
INTTC1
(16-bit TC1 interrupt)
IMF ·EF4 = 1
IL4
FFFECH
4
External
INTKWU
(Key-on wakeup)
IMF ·EF5 = 1
IL5
FFFE8H
5
Internal
INTTBT
(Time base timer interrupt)
IMF ·EF6 = 1
IL6
FFFE4H
6
External
INT2
(External interrupt 2)
IMF ·EF7 = 1
IL7
FFFE0H
7
Internal
INTTC3
(8-bit TC3 interrupt)
IMF ·EF8 = 1
IL8
FFFDCH
8
Internal
INTTSBI
(SBI interrupt)
IMF ·EF9 = 1
IL9
FFFD8H
9
Internal
INTTC4
(8-bit TC4 interrupt)
IMF ·EF10 = 1
IL10
FFFD4H
10
External
INT3
(External interrupt 3)
IMF ·EF11 = 1
IL11
FFFD0H
11
External
INT4
(External interrupt 4)
IMF ·EF12 = 1
IL12
FFFCCH
12
Internal
INTADC
(AD converter interrupt)
IMF ·EF13 = 1
IL13
FFFC8H
13
Internal
INTTC2
(16-bit TC2 interrupt)
IMF ·EF14 = 1
IL14
FFFC4H
14
External
INT5
(External interrupt 5)
IMF ·EF15 = 1
IL15
FFFC0H
15
Internal
INTOSD
(OSD interrupt)
IMF ·EF16 = 1
IL16
FFFBCH
16
Internal
INTSLI
(Slicer interrupt)
IMF ·EF17 = 1
IL17
FFFB8H
17
Reserved
IMF ·EF18 = 1
IL18
FFFB4H
18
Reserved
IMF ·EF19 = 1
IL19
FFFB0H
19
Reserved
IMF ·EF20 = 1
IL20
FFFACH
20
Reserved
IMF ·EF21 = 1
IL21
FFFA8H
21
Reserved
IMF ·EF22 = 1
IL22
FFFA4H
22
Reserved
IMF ·EF23 = 1
IL23
FFFA0H
23
Reserved
IMF ·EF24 = 1
IL24
FFF9CH
24
Reserved
IMF ·EF25 = 1
IL25
FFF98H
25
Reserved
IMF ·EF26 = 1
IL26
FFF94H
26
Reserved
IMF ·EF27 = 1
IL27
FFF90H
27
Reserved
IMF ·EF28 = 1
IL28
FFF8CH
28
Reserved
IMF ·EF29 = 1
IL29
FFF88H
29
Reserved
IMF ·EF30 = 1
IL30
FFF84H
30
Reserved
IMF ·EF31 = 1
IL31
FFF80H
Low 31
Note:
Before you change each enable flag (EF) and/or each interrupt latch (IL), be sure to clear the
interrupt master enable flag (IMF) to “0” (to disable interrupts).
a. After a DI instruction is executed.
b. When an interrupt is accepted, IMF is automatically cleared to “0”.
However to enable nested interrupts, change EF and/or IL before setting IMF to “1” (to enable
interrupts).
If the individual enable flags (EF) and interrupt latches (IL) are set under conditions other than the
above, the proper operation cannot be guaranteed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com