Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP88CS34FG Datasheet(PDF) 97 Page - Toshiba Semiconductor

Part # TMP88CS34FG
Description  CMOS 8-Bit Microcontroller
PDF  215 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP88CS34FG Datasheet(HTML) 97 Page - Toshiba Semiconductor

Back Button TMP88CS34FG Datasheet HTML 93Page - Toshiba Semiconductor TMP88CS34FG Datasheet HTML 94Page - Toshiba Semiconductor TMP88CS34FG Datasheet HTML 95Page - Toshiba Semiconductor TMP88CS34FG Datasheet HTML 96Page - Toshiba Semiconductor TMP88CS34FG Datasheet HTML 97Page - Toshiba Semiconductor TMP88CS34FG Datasheet HTML 98Page - Toshiba Semiconductor TMP88CS34FG Datasheet HTML 99Page - Toshiba Semiconductor TMP88CS34FG Datasheet HTML 100Page - Toshiba Semiconductor TMP88CS34FG Datasheet HTML 101Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 215 page
background image
TMP88CS34/CP34
2007-09-12
88CS34-97
2.9.8
Data Transfer of I
2C Bus
(1) Device initialization
For initialization of device, set the ACK in SBICRA to “1” and the BC to “000”. Specify the
data length to 8 bits to count clocks for an acknowledge signal. Set a transfer frequency to
the SCK in SBICRA.
Next, set the slave address to the SA in I2CAR and clear the ALS to “0” to set an
addressing format.
After confirming that the serial bus interface pin is high-level, for specifying the default
setting to a slave receiver mode, clear “0” to the MST, TRX and BB in SBICRB, set “1” to the
PIN, “10” to the SBIM, and “00” to bits SWRST1 and SWRST0.
Note:
The initialization of a serial bus interface circuit must be complete within the time from all
devices which are connected to a bus have initialized to and device does not generate a
start condition. If not, the data can not be received correctly because the other device
starts transferring before an end of the initialization of a serial bus interface circuit.
(2) Start condition and slave address generation
Confirm a bus free status (when BB
= 0).
Set the ACK to “1” and specify a slave address and a direction bit to be transmitted to the
SBIDBR.
By writing “1” to the MST, TRX, BB and PIN, the start condition is generated on a bus
and then, the slave address and the direction bit which are set to the SBIDBR are output.
An INTSBI interrupt request occurs at the 9th falling edge of a SCL clock cycle, and the
PIN is cleared to “0”. The SCL pin is pulled-down to the low level while the PIN is “0”.
When an interrupt request occurs the TRX changes by the hardware according to the
direction bits only when an acknowledge signal is returned from the slave device.
Note 1: Do not write a slave address to be output to the SBIDBR while data is transferred. If data
is written to the SBIDBR, data to been outputting may be destroyed.
Note 2: The bus free must be confirmed by software within 98.0
μs (the shortest transmitting
time according to the I
2C bus standard) after setting of the slave address to be output.
Only when the bus free is confirmed, set “1” to the MST, TRX, BB, and PIN doesn’t finish
within 98.0
μs, the other masters may start the transferring and the slave address data
written in SBIDBR may be broken.
Figure 2.9.13 Start Condition Generation and Slave Address Transfer
Acknowledge
signal from a
slave device
SCL pin
SDA pin
Start condition
Slave address
+ direction bit
1
2
345678
9
A6
A5
A4
A3
A2
A1
A0
R/ W
PIN
INTSBI
interrupt
request



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com