Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDBMS240-HF Datasheet(PDF) 2 Page - Comchip Technology

Part # CDBMS240-HF
Description  SMD Schottky Barrier Rectifiers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

CDBMS240-HF Datasheet(HTML) 2 Page - Comchip Technology

  CDBMS240-HF Datasheet HTML 1Page - Comchip Technology CDBMS240-HF Datasheet HTML 2Page - Comchip Technology CDBMS240-HF Datasheet HTML 3Page - Comchip Technology CDBMS240-HF Datasheet HTML 4Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Rating and Characteristic Curves (CDBMS240-HF Thru. CDBMS2100-HF)
SMD Schottky Barrier Rectifiers
Comchip Technology CO., LTD.
REV:D
Page 2
QW-JB075
Fig.1 - Typical Forward Current Derating Curve
Case Temperature, (°C)
25
50
75
100
125
150
0
0.5
1.0
1.5
2.0
2.5
Fig.2 - Typical Forward Characteristics
Forward Voltage, (V)
0.3
0.4
0.5
0.6
0.8
0.9
0.01
0.1
1
10
100
Fig.3 - Maximum Non-Repetitive
Forward Surge Current
Number of Cycles at 60Hz
1
10
100
0
10
20
30
40
50
Fig.4 - Typical Reverse Characteristics
Percentage Rated Peak Reverse Voltage, (%)
20
40
60
80
100
0.001
0.01
0.1
1
10
Fig.5 - Typical Junction Capacitance
Reverse Voltage, (V)
0
1
10
100
0
100
200
300
400
500
CDBMS240/260-HF
CDBMS2100-HF
0.7
CDBMS2100-HF
CDBMS260-HF
CDBMS240-HF
TJ=25°C
8.3ms single half
sine wave
25°C
100°C
CDBMS240-HF
CDBMS2100-HF
CDBMS260-HF



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com