Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADPL40502ACPZ-1.8-R7 Datasheet(PDF) 13 Page - Analog Devices

Part # ADPL40502ACPZ-1.8-R7
Description  Low Noise, 200mA, CMOS Linear Regulator
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPL40502ACPZ-1.8-R7 Datasheet(HTML) 13 Page - Analog Devices

Back Button ADPL40502ACPZ-1.8-R7 Datasheet HTML 9Page - Analog Devices ADPL40502ACPZ-1.8-R7 Datasheet HTML 10Page - Analog Devices ADPL40502ACPZ-1.8-R7 Datasheet HTML 11Page - Analog Devices ADPL40502ACPZ-1.8-R7 Datasheet HTML 12Page - Analog Devices ADPL40502ACPZ-1.8-R7 Datasheet HTML 13Page - Analog Devices ADPL40502ACPZ-1.8-R7 Datasheet HTML 14Page - Analog Devices ADPL40502ACPZ-1.8-R7 Datasheet HTML 15Page - Analog Devices ADPL40502ACPZ-1.8-R7 Datasheet HTML 16Page - Analog Devices ADPL40502ACPZ-1.8-R7 Datasheet HTML 17Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
Data Sheet
ADPL40502
analog.com
Rev. 0
13 of 17
The ADPL40502 uses an internal soft start to limit the inrush current when the output is enabled. The start-up time
for the 3.3V option is approximately 180µs from the time the EN active threshold is crossed to when the output
reaches 90% of its final value. Figure 26 shows typical EN active and inactive thresholds when the input voltage varies
from 2.2V to 5.5V.
Figure 26.Typical Start-Up Behavior
Current-Limit and Thermal Overload Protection
The ADP40502 is protected against damage due to excessive power dissipation by current and thermal overload
protection circuits. The ADPL40502 is designed to current limit when the output load reaches 300mA (typical). When
the output load exceeds 300mA, the output voltage is reduced to maintain a constant current limit.
Thermal overload protection is included, which limits the junction temperature to a maximum of 150°C (typical).
Under extreme conditions (i.e., high ambient temperature and power dissipation) when the junction temperature
starts to rise above 150°C, the output is turned off, reducing the output current to 0. When the junction temperature
drops below 135°C, the output is turned on again, and the output current is restored to its nominal value.
Consider the case where a hard short from VOUT to ground occurs. At first, the ADPL40502 current limits, so that only
300mA is conducted into the short. If self heating of the junction causes its temperature to rise above 150°C, thermal
shutdown activates, turning off the output and reducing the output current to 0. As the junction temperature cools
and drops below 135°C, the output turns on and conducts 300mA into the short, again causing the junction
temperature to rise above 150°C. This thermal oscillation between 135°C and 150°C causes a current oscillation
between 300mA and 0mA that continues as long as the short remains at the output.
Current-limit and thermal limit protections protect the device against accidental overload conditions. For reliable
operation, device power dissipation must be externally limited so that junction temperatures do not exceed 125°C.
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
0
450
400
350
300
250
200
150
100
50
TIME (µs)
ENABLE
3.3V
2.8V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com