Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADPL40502ACPZ-2.5-R7 Datasheet(PDF) 11 Page - Analog Devices

Part # ADPL40502ACPZ-2.5-R7
Description  Low Noise, 200mA, CMOS Linear Regulator
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPL40502ACPZ-2.5-R7 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADPL40502ACPZ-2.5-R7 Datasheet HTML 7Page - Analog Devices ADPL40502ACPZ-2.5-R7 Datasheet HTML 8Page - Analog Devices ADPL40502ACPZ-2.5-R7 Datasheet HTML 9Page - Analog Devices ADPL40502ACPZ-2.5-R7 Datasheet HTML 10Page - Analog Devices ADPL40502ACPZ-2.5-R7 Datasheet HTML 11Page - Analog Devices ADPL40502ACPZ-2.5-R7 Datasheet HTML 12Page - Analog Devices ADPL40502ACPZ-2.5-R7 Datasheet HTML 13Page - Analog Devices ADPL40502ACPZ-2.5-R7 Datasheet HTML 14Page - Analog Devices ADPL40502ACPZ-2.5-R7 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
Data Sheet
ADPL40502
analog.com
Rev. 0
11 of 17
THEORY OF OPERATION
The ADPL40502 is a low noise, low quiescent current, LDO linear regulator that operates from 2.2V to 5.5V and can
provide up to 200mA of output current. Drawing a low 290μA of operating supply current (typical) at full load makes
the ADPL40502 ideal for battery operated, portable equipment. Shutdown current consumption is typically 0.2µA.
Internally, the ADPL40502 consists of a reference, an error amplifier, a feedback voltage divider, and a PMOS pass
transistor. Output current is delivered via the PMOS pass device, which is controlled by the error amplifier. The error
amplifier compares the reference voltage with the feedback voltage from the output and amplifies the difference. If
the feedback voltage is lower than the reference voltage, the gate of the PMOS device pulls lower, allowing more
current to pass and increasing the output voltage. If the feedback voltage is higher than the reference voltage, the
gate of the PMOS device pulls higher, allowing less current to pass and decreasing the output voltage.
An internal pull-down resistor on the EN input holds the input low when the pin is left open.
The ADPL40502 is available in seven output voltage options, ranging from 1.2V to 3.3V. The ADPL40502 uses the EN
pin to enable and disable the VOUT pin under normal operating conditions. When EN is high, VOUT turns on, and when
EN is low, VOUT turns off. For automatic startup, tie EN to VIN.
APPLICATIONS INFORMATION
Capacitor Selection
Output Capacitor
The ADPL40502 is designed for operation with small, space-saving ceramic capacitors but can function with most
commonly used capacitors as long as care is taken with regard to the effective series resistance (ESR) value. The ESR
of the output capacitor affects the stability of the LDO control loop. A minimum of 1µF capacitance with an ESR of
1Ω or less is recommended to ensure the stability of the ADPL40502. Transient response to changes in load current
is also affected by output capacitance. Using a larger value of output capacitance improves the transient response
of the ADPL40502 to large changes in load current. Figure 23 shows the transient responses for an output capacitance
value of 1µF. Derating of ceramic capacitors with DC voltage, temperature, and AC signal must be considered while
selecting the output capacitor. Effective capacitance can be 80% lower than the nominal capacitor value. Derating
curves are available from all major ceramic capacitor vendors.
Figure 23. Output Transient Response, COUT = 1µF
CH1 200mA CH2 50mV
M20µs
A CH1
64mA
T 10.00%
1
2
T
LOAD CURRENT
VOUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com