Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM8060F Datasheet(PDF) 32 Page - Analog Devices

Part # LTM8060F
Description  Quad 40VIN, 3A Silent Switcher μModule Regulator with Package-Level EMI Shield
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM8060F Datasheet(HTML) 32 Page - Analog Devices

Back Button LTM8060F Datasheet HTML 28Page - Analog Devices LTM8060F Datasheet HTML 29Page - Analog Devices LTM8060F Datasheet HTML 30Page - Analog Devices LTM8060F Datasheet HTML 31Page - Analog Devices LTM8060F Datasheet HTML 32Page - Analog Devices LTM8060F Datasheet HTML 33Page - Analog Devices LTM8060F Datasheet HTML 34Page - Analog Devices LTM8060F Datasheet HTML 35Page - Analog Devices LTM8060F Datasheet HTML 36Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 43 page
background image
Data Sheet
LTM8060F
analog.com
Rev. 0
32 of 43
Figure 67. Layout Showing Suggested External Components, GND Plane, and Thermal Vias
Hot-Plugging Safely
The small size, robustness, and low impedance of ceramic capacitors make them an attractive option for the input
bypass capacitor of LTM8060F. However, these capacitors can cause problems if the LTM8060F is plugged into a live
supply (Refer to the Application Note 88 for a complete discussion). The low-loss ceramic capacitor combined with
stray inductance in series with the power source forms an underdamped tank circuit, and the voltage at the VINn pin
of the LTM8060F can ring to more than twice the nominal input voltage, possibly exceeding the LTM8060F’s rating
and damaging the part. If the input supply is poorly controlled or the LTM8060F is hot-plugged into an energized
supply, the input network should be designed to prevent this overshoot. This can be accomplished by installing a
small resistor in series to VINn, but the most popular method of controlling input voltage overshoot is adding an
electrolytic bulk cap to the VINn net. This capacitor’s relatively high equivalent series resistance damps the circuit
and eliminates the voltage overshoot. The extra capacitor improves low-frequency ripple filtering and can slightly
improve the efficiency of the circuit, though it is likely to be the largest component in the circuit.
Thermal Considerations
The LTM8060F output current may need to be derated if it is required to operate in a high ambient temperature.
The amount of current derating is dependent upon the input voltage, output power, and ambient temperature. The
derating curves shown in the Typical Performance Characteristics section can be used as a guide. These curves were
generated by the LTM8060F mounted to a 104cm2 6-layer FR4 PCB. Boards of other sizes and layer counts can
exhibit different thermal behavior, so it is incumbent upon the user to verify proper operation over the intended
system’s line, load, and environmental operating conditions.
For increased accuracy and fidelity to the actual application, many designers use FEA or computational fluid
dynamics (CFD) to predict thermal performance. To that end, the pin configuration typically gives three dominant
thermal coefficients:
1. θJA – Thermal resistance from junction to ambient.
2. θJCbot – Thermal resistance from the junction to the bottom of the product case.
3. θJCtop – Thermal resistance from the junction to the top of the product case.
While the meaning of each of these coefficients may seem to be intuitive, JEDEC has defined each to avoid
confusion and inconsistency. These definitions are given in JESD5112 and are quoted or paraphrased as follows.
COUT2
COUT3
COUT1
COUT4
CIN1
CIN2
CIN34
CIN34
RT34
RT12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com