Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4292 Datasheet(PDF) 3 Page - Analog Devices

Part # LTC4292
Description  IEEE 802.3bt PD with Telemetry and Power Priority
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC4292 Datasheet(HTML) 3 Page - Analog Devices

  LTC4292 Datasheet HTML 1Page - Analog Devices LTC4292 Datasheet HTML 2Page - Analog Devices LTC4292 Datasheet HTML 3Page - Analog Devices LTC4292 Datasheet HTML 4Page - Analog Devices LTC4292 Datasheet HTML 5Page - Analog Devices LTC4292 Datasheet HTML 6Page - Analog Devices LTC4292 Datasheet HTML 7Page - Analog Devices LTC4292 Datasheet HTML 8Page - Analog Devices LTC4292 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
Data Sheet
LTC9105
ABSOLUTE MAXIMUM RATINGS
analog.com
Rev. A | 3 of 22
Table 1. Absolute Maximum Ratings
Parameter
Rating
VIN, RSIG, SDAOUT, SDAIN, SCL, AD0, PWRGD,
SDAIN Voltages
−0.3V to 100V
RCLSA, RCLSB Voltages
−0.3V to 2V
RCLSA, RCLSB Current
−50mA
GATE, SNSP Voltages
−0.3V to 80V
AUX, BYP, M1, M0 Voltage
−0.3V to 5.5V
SNSN Voltage
−2V to 0.3V
Stresses at or above those listed under Absolute Maximum Ratings
may cause permanent damage to the product. This is a stress
rating only; functional operation of the product at these or any other
conditions above those indicated in the operational section of this
specification is not implied. Operation beyond the maximum operat-
ing conditions for extended periods may affect product reliability.
Absolute Maximum Voltages are specified with respect to RTN (pins
7, 19, and exposed pad 21) connected together.
ESD CAUTION
ESD (electrostatic discharge) sensitive device. Charged devi-
ces and circuit boards can discharge without detection. Although
this product features patented or proprietary protection circuitry,
damage may occur on devices subjected to high energy ESD.
Therefore, proper ESD precautions should be taken to avoid
performance degradation or loss of functionality.
THERMAL RESISTANCE
Thermal performance is directly linked to PCB design and operating
environment. Careful attention to PCB thermal design is required.
Table 2. Thermal Resistance
Package Type1
θJA2
θJC3
Unit
UH-20-1
34
3
°C/W
1 Test Condition 1: thermal impedance simulated values are based upon use of
2S2P JEDEC PCB. See the Order Information.
2 θJA is the natural convection junction-to-ambient thermal resistance measured
in a one cubic foot sealed enclosure.
3 θJC is the junction-to-case thermal resistance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com