Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM8065 Datasheet(PDF) 2 Page - Analog Devices

Part # LTM8065
Description  Quad 40VIN, 3A Silent Switcher μModule Regulator with Package-Level EMI Shield
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM8065 Datasheet(HTML) 2 Page - Analog Devices

  LTM8065 Datasheet HTML 1Page - Analog Devices LTM8065 Datasheet HTML 2Page - Analog Devices LTM8065 Datasheet HTML 3Page - Analog Devices LTM8065 Datasheet HTML 4Page - Analog Devices LTM8065 Datasheet HTML 5Page - Analog Devices LTM8065 Datasheet HTML 6Page - Analog Devices LTM8065 Datasheet HTML 7Page - Analog Devices LTM8065 Datasheet HTML 8Page - Analog Devices LTM8065 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 43 page
background image
Data Sheet
LTM8060F
analog.com
Rev. 0
2 of 43
TYPICAL APPLICATION
Figure 2. Quad 3A (4A Peak) Output from 8.5V to 40V Input
* The output current capability (transient peak or
continuous) in Figure 2 is subject to environmental
factors such as ambient temperature, airflow, or other
cooling techniques. For different VIN, VOUT,
and TA conditions, see the notes section (Note 3) of the
Electrical Characteristics table and the derating curves
in the Applications Information section.
Figure 3. Near-Field E Field, 100% Reduction,
All Near-Field Electric Field Noise removed,
from 1MHz to 1GHz
Figure 4. Near-Field H Field, 10db Reduction,
Less Near-Field Electric Field Noise,
from 1MHz to 1GHz
4.7µF
27.4kΩ
47µF
47.5kΩ
47µF
78.7kΩ
64.9kΩ
100µF
×2
287kΩ
100µF
×2
1MΩ
VIN1
RUN1
RT12
SYNC12
VIN2
RUN2
fSW = 1.2MHz
VOUT1
VIN
FB1
AUX1
BIAS12
GND
VOUT2
8.5V TO 40V
VIN34
RUN3
RT34
SYNC34
fSW = 600kHz
×4
VOUT1
5V
UP TO 3A*
(4A PK)
VOUT3
FB3
BIAS34
VOUT4
FB2
PINS NOT USED:
AUX234,
TRSS1234,
SHARE1234,
PG1234,
CLKOUT1234
VOUT2
3.3V
UP TO 3A*
(4A PK)
VOUT3
1.5V
UP TO 4A*
VOUT4
1V
UP TO 4A*
EXTERNAL 5V
FB4
RUN4
GND
LTM8060F
NOISE FLOOR
LTM8060
LTM8060F
FREQUENCY (MHz)
0
100
200
300
400
500
600
700
800
900 1000
35
45
55
65
75
85
95
105
115
NOISE FLOOR
LTM8060
LTM8060F
FREQUENCY (MHz)
0
100
200
300
400
500
600
700
800
900 1000
35
55
75
95
115
135
155



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com