Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPDQ4V5MASB-HF Datasheet(PDF) 1 Page - Comchip Technology

Part # CPDQ4V5MASB-HF
Description  SMD ESD Protection Diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

CPDQ4V5MASB-HF Datasheet(HTML) 1 Page - Comchip Technology

  CPDQ4V5MASB-HF Datasheet HTML 1Page - Comchip Technology CPDQ4V5MASB-HF Datasheet HTML 2Page - Comchip Technology CPDQ4V5MASB-HF Datasheet HTML 3Page - Comchip Technology CPDQ4V5MASB-HF Datasheet HTML 4Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
RoHS Device
Halogen Free
Page 1
Comchip Technology CO., LTD.
QW-JP148
SMD ESD Protection Diode
Features
- IEC 61000-4-2 (ESD) ±30kV (air/contact)
IEC 61000-4-4 (EFT) 80A (5/50ns)
IEC 61000-4-5 (Lightning) 60A (8/20µs)
Maximum Rating (at TA=25°C unless otherwise noted)
Symbol
Parameter
Value
Unit
Conditions
Peak pulse power
PPP
W
Operating temperature range
TJ
°C
ESD
kV
IEC 61000-4-2(air)
IEC 61000-4-2(contact)
ESD capability
Peak pulse current
IPP
A
TP = 8/20µs
TP = 8/20µs
Electrical Characteristics (at TA=25°C unless otherwise noted)
Symbol
Typ
Parameter
Min
Max
Unit
Conditions
Breakdown voltage
VBR
V
IT = 1mA
Reverse leakage current
IR
nA
VRWM = 4.5V
Clamping voltage
VC
V
IPP = 60A, TP = 8/20µs
V
Working peak reverse voltage
VRWM
Junction capacitance
CJ
pF
VR = 0V, f = 1MHz
4.5
4.7
120
TLP = 16A, TP = 0.2/100ns
VC
-55 to +125
±30
60
9
6.5
660
100
Clamping voltage
V
- ESD protection for one line with Bi-directional.
- Protect one I/O line or one power line.
- Fast turn-on and low clamping voltage.
Mechanical data
- Case: DFN1006-2L package,
molded plastic.
- Mounting position: Any.
REV:A
CPDQ4V5MASB-HF
11
Dimensions in inches and (millimeter)
DFN1006-2L
0.026(0.65)
0.023(0.59)
0.002(0.05)
Max.
0.041(1.05)
0.039(0.99)
0.026(0.65)
0.023(0.59)
0.021(0.53)
0.017(0.43)
0.011(0.27)
0.007(0.17)
0.026(0.65)
BSC
0.003(0.075)
REF
0.003(0.075)
0.007(0.175)
0.003(0.075)
0.007(0.175)
0.003(0.07)
REF
Pin 1
Pin 2
Circuit Diagram
8.0
Sorage temperature range
TSTG
°C
-55 to +150
Clamping voltage
VC
V
IPP = 10A, TP = 8/20µs
6


Similar Part No. - CPDQ4V5MASB-HF

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CPDQ03C3V3AU-HF COMCHIP-CPDQ03C3V3AU-HF Datasheet
487Kb / 4P
SMD ESD Protection Diode
REV:A
CPDQ03C3V3HT-HF COMCHIP-CPDQ03C3V3HT-HF Datasheet
484Kb / 4P
SMD ESD Protection Diode
REV:A
CPDQ03C3V3U-HF COMCHIP-CPDQ03C3V3U-HF Datasheet
486Kb / 4P
SMD ESD Protection Diode
REV:A
CPDQ03C5V0AU-HF COMCHIP-CPDQ03C5V0AU-HF Datasheet
490Kb / 4P
SMD ESD Protection Diode
REV:A
CPDQ03C5V0HP-HF COMCHIP-CPDQ03C5V0HP-HF Datasheet
485Kb / 4P
SMD ESD Protection Diode
REV:A
More results

Similar Description - CPDQ4V5MASB-HF

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CPDERT5V0U-HF COMCHIP-CPDERT5V0U-HF Datasheet
97Kb / 4P
SMD ESD Protection Diode
CPDF24V0U-HF COMCHIP-CPDF24V0U-HF Datasheet
98Kb / 4P
SMD ESD Protection Diode
CPDFR COMCHIP-CPDFR Datasheet
92Kb / 4P
SMD ESD Protection Diode
CPDT-5V0U-HF COMCHIP-CPDT-5V0U-HF Datasheet
97Kb / 4P
SMD ESD Protection Diode
CPDTR035V0U-HF COMCHIP-CPDTR035V0U-HF Datasheet
97Kb / 4P
SMD ESD Protection Diode
CPDTR055V0C-HF COMCHIP-CPDTR055V0C-HF Datasheet
98Kb / 4P
SMD ESD Protection Diode
CPDV5-5V0U COMCHIP-CPDV5-5V0U_12 Datasheet
96Kb / 4P
SMD ESD Protection Diode
CPDQT3V3U-HF COMCHIP-CPDQT3V3U-HF Datasheet
559Kb / 3P
SMD ESD Protection Diode
CPDUR5V0C-HF COMCHIP-CPDUR5V0C-HF Datasheet
238Kb / 4P
SMD ESD Protection Diode
CPDVR083V3U COMCHIP-CPDVR083V3U Datasheet
109Kb / 5P
SMD ESD Protection Diode
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com